Electronic Components Datasheet Search
  English  ▼

X  

BQ2013H Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2013H
Description  Gas Gauge IC for Power- Assist Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2013H Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ2013H Datasheet HTML 16Page - Texas Instruments BQ2013H Datasheet HTML 17Page - Texas Instruments BQ2013H Datasheet HTML 18Page - Texas Instruments BQ2013H Datasheet HTML 19Page - Texas Instruments BQ2013H Datasheet HTML 20Page - Texas Instruments BQ2013H Datasheet HTML 21Page - Texas Instruments BQ2013H Datasheet HTML 22Page - Texas Instruments BQ2013H Datasheet HTML 23Page - Texas Instruments BQ2013H Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
bq2013H
ChangeNo.
Page No.
Description of Change
1
All
“Final” changes from “Preliminary” version
2
3
Updated application diagram
28
Changed charge/discharge default threshold from 200
µV to 250µV.
29
Changed offset compensation window range from
±200µV to ±250µV
2
11
Designated appropriate locations from “R/W” to “R”
212
Changed charge threshold from 200
µV to 250µV
214
Changed default DMF from 200
µV to 250µV
2
16
Added REF absolute maximum rating
216
Changed charge/discharge default threshold from 200
µV to 250µV
2
16
Added VSRO parameter
2
17
Changed DQ designation to HDQ
2
17
Changed VOL from 0.5V to 0.3V (max.)
2
17
Added RPROG
Note:
Change 1 = Dec. 1998 changes from July 1998 “Preliminary.”
Change 2 = May 1999 B changes from Dec. 1998.
Data Sheet Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com