Electronic Components Datasheet Search
  English  ▼

X  

LTC4096 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4096
Description  Dual Input Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4096 Datasheet(HTML) 3 Page - Linear Technology

  LTC4096 Datasheet HTML 1Page - Linear Technology LTC4096 Datasheet HTML 2Page - Linear Technology LTC4096 Datasheet HTML 3Page - Linear Technology LTC4096 Datasheet HTML 4Page - Linear Technology LTC4096 Datasheet HTML 5Page - Linear Technology LTC4096 Datasheet HTML 6Page - Linear Technology LTC4096 Datasheet HTML 7Page - Linear Technology LTC4096 Datasheet HTML 8Page - Linear Technology LTC4096 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4096/LTC4096X
3
4096xf
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4096 is guaranteed to meet the performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Failure to correctly solder the Exposed Pad of the package to the
PC board will result in a thermal resistance much higher than 40°C/W. See
Thermal Considerations.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ITERMINATE
Charge Current Termination
Threshold
RITERM = 1k
RITERM = 2k
RITERM = 10k
88
42
6
100
50
9.5
112
58
13
mA
mA
mA
ITRIKL
Trickle Charge Current
(LTC4096 Only)
VBAT < VTRIKL; RIDC = 1k
VBAT < VTRIKL; RIUSB = 2k
85
42
100
50
115
58
mA
mA
VTRIKL
Trickle Charge Threshold Voltage
(LTC4096 Only)
VBAT Rising
Hysteresis
●
2.8
2.9
135
3V
mV
VUVDC
DCIN Undervoltage Lockout
Voltage
From Low to High
Hysteresis
4
4.22
200
4.4
V
mV
VUVUSB
USBIN Undervoltage Lockout
Voltage
From Low to High
Hysteresis
3.8
4
200
4.2
V
mV
VASD-DC
VDCIN – VBAT Lockout Threshold
Voltage
VDCIN from High to Low, VBAT = 4.3V
VDCIN from Low to High, VBAT = 4.3V
530
100
55
mV
mV
VASD-USB
VUSBIN – VBAT Lockout Threshold
Voltage
VUSBIN from High to Low, VBAT = 4.3V
VUSBIN from Low to High, VBAT = 4.3V
530
150
55
mV
mV
VSUSP
VIL, Logic Low Voltage
0.5
V
VIH, Logic High Voltage
1.2
V
RSUSP
SUSP Pulldown Resistance
●
1.3
3.4
7
M
Ω
V⎯C⎯H⎯R⎯G
⎯C⎯H⎯R⎯G Output Low Voltage
I⎯C⎯H⎯R⎯G = 5mA
●
62
150
mV
ΔVRECHRG
Recharge Battery Threshold
Voltage
VFLOAT – VRECHRG
30
50
80
mV
tRECHRG
Recharge Comparator Filter Time VBAT from High to Low
1.6
ms
tTERMINATE
Termination Comparator Filter
Time
IBAT Drops Below Termination Threshold
3
ms
RON-DC
Power FET “ON” Resistance
(Between DCIN and BAT)
420
m
Ω
RON-USB
Power FET “ON” Resistance
(Between USBIN and BAT)
470
m
Ω
RDC-PWR
Power FET “ON” Resistance
(Between DCIN and PWR)
VDCIN = 5V, VUSBIN = 0V
15
Ω
RUSB-PWR
Power FET “ON” Resistance
(Between USBIN and PWR)
VDCIN = 0V, VUSBIN = 5V
6.6
Ω
TLIM
Junction Temperature in
Constant-Temperature Mode
115
°C
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, RIDC = 1kΩ, RIUSB = 2kΩ, RITERM = 2kΩ unless
otherwise noted.
Note 4: Supply current includes IDC and ITERM pin current (approximately
100µA each) but does not include any current delivered to the battery
through the BAT pin.
Note 5: Supply current includes IUSB and ITERM pin current
(approximately 100µA each) but does not include any current delivered to
the battery through the BAT pin.
Note 6: Guaranteed by long term current density limitations.
Note 7: VCC is greater of DCIN or USBIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com