Electronic Components Datasheet Search
  English  ▼

X  

LTC4096 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4096
Description  Dual Input Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4096 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4096 Datasheet HTML 2Page - Linear Technology LTC4096 Datasheet HTML 3Page - Linear Technology LTC4096 Datasheet HTML 4Page - Linear Technology LTC4096 Datasheet HTML 5Page - Linear Technology LTC4096 Datasheet HTML 6Page - Linear Technology LTC4096 Datasheet HTML 7Page - Linear Technology LTC4096 Datasheet HTML 8Page - Linear Technology LTC4096 Datasheet HTML 9Page - Linear Technology LTC4096 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4096/LTC4096X
6
4096xf
4096 G27
60
50
30
40
20
10
0
SUSP = VDCIN
VUSBIN = VDCIN
VDCIN = 4.25V
VDCIN = 5.5V
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4096 G24
100
80
60
40
20
0
ICHRG = 5mA
VDCIN = VUSBIN = 4.25V
VDCIN = VUSBIN = 5.5V
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4096 G23
120
100
80
60
40
20
0
VCHRG (V)
012
4
35
6
VDCIN = VUSBIN = 5V
VBAT = 4V
4096 G21
20
15
10
5
0
VDCIN = 5V
IPWR = 30mA
VUSBIN = 5V
IPWR = 30mA
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4096 G19
550
500
450
400
350
300
VDCIN = 4V
IBAT = 200mA
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4096 G20
550
500
450
400
350
300
VUSBIN = 4V
IBAT = 200mA
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4096 G22
6
5
4
3
2
0
1
VUSBIN = 5V
VDCIN = 5V
IPWR (mA)
0
25
50
100
75
125
150
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
VPWR vs IPWR
⎯C⎯H⎯R⎯G Pin Output Low Voltage vs
Temperature
SUSP Pin Threshold Voltage
(On-to-Off) vs Temperature
Shutdown Supply Current vs
Temperature and VDCIN
DCIN Power FET On-Resistance
vs Temperature
USBIN Power FET On-Resistance
vs Temperature
PWR-DCIN and PWR-USBIN
Power FET On-Resistance vs
Temperature
⎯C⎯H⎯R⎯G Pin I-V Curve
SUSP Pin Pulldown Resistance vs
Temperature
4096 G25
1000
800
700
850
900
950
750
VDCIN = VUSBIN = 5V
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4096 G26
4.5
2.5
3.0
3.5
4.0
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com