Electronic Components Datasheet Search
  English  ▼

X  

LTC4097 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4097
Description  USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4097 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4097 Datasheet HTML 12Page - Linear Technology LTC4097 Datasheet HTML 13Page - Linear Technology LTC4097 Datasheet HTML 14Page - Linear Technology LTC4097 Datasheet HTML 15Page - Linear Technology LTC4097 Datasheet HTML 16Page - Linear Technology LTC4097 Datasheet HTML 17Page - Linear Technology LTC4097 Datasheet HTML 18Page - Linear Technology LTC4097 Datasheet HTML 19Page - Linear Technology LTC4097 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4097
20
4097f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0207 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3455
Dual DC/DC Converter with USB Power
Management and Li-Ion Battery Charger
Efficiency >96%, Accurate USB Current Limiting (500mA/100mA),
4mm × 4mm QFN-24 Package
LTC4053
USB Compatible Monolithic Li-Ion Battery Charger
Standalone Charger with Programmable Timer, Up to 1.25A Charge Current
LTC4054/LTC4054X
Standalone Linear Li-Ion Battery Charger
with Integrated Pass Transistor in ThinSOT
TM
Thermal Regulation Prevents Overheating, C/10 Termination,
C/10 Indicator, Up to 800mA Charge Current
LTC4055
USB Power Controller and Battery Charger
Charges Single-Cell Li-Ion Batteries Directly from USB Port,
Thermal Regulation, 4mm × 4mm QFN-16 Package
LTC4058/LTC4058X
Standalone 950mA Lithium-Ion Charger in DFN
C/10 Charge Termination, Battery Kelvin Sensing, ±7% Charge Accuracy
LTC4061
Standalone Li-Ion Charger with Thermistor Interface 4.2V, ±0.35% Float Voltage, Up to 1A Charge Current,
3mm × 3mm DFN-10 Package
LTC4061-4.4
Standalone Li-Ion Charger with Thermistor Interface 4.4V, ±0.4% Float Voltage, Up to 1A Charge Current,
3mm × 3mm DFN-10 Package
LTC4062
Standalone Li-Ion Charger with Micropower
Comparator
4.2V, ±0.35% Float Voltage, Up to 1A Charge Current,
3mm × 3mm DFN-10 Package
LTC4065/LTC4065A
Standalone 750mA Li-Ion Charger
in 2mm × 2mm DFN
4.2V, ±0.6% Float Voltage, Up to 750mA Charge Current,
2mm × 2mm DFN-6 Package
LTC4066
USB Power Controller and Li-Ion Linear Battery
Charger with Low-Loss Ideal Diode
Seamless Transition Between Input Power Sources: Li-Ion Battery, USB and
Wall Adapter, Low-Loss (50Ω) Ideal Diode, 4mm × 4mm QFN-24 Package
LTC4068/LTC4068X
Standalone Linear Li-Ion Battery Charger with
Programmable Termination
Charge Current up to 950mA, Thermal Regulation,
3mm × 3mm DFN-8 Package
LTC4069
Standalone Li-Ion Battery Charger with NTC
Thermistor Input in 2mm × 2mm DFN
4.2V, ±0.6% Float Voltage, Up to 750mA Charge Current, Timer Termination +
C/10 Detection Output
LTC4075
Dual Input Standalone Li-Ion Battery Charger
Charges Single-Cell Li-Ion Batteries from Wall Adapter and USB Inputs with
Automatic Input Power Detection and Selection, 950mA Charger Current,
Thermal Regulation, C/X Charge Termination, 3mm × 3mm DFN Package
LTC4076
Dual Input Standalone Li-Ion Battery Charger
Charges Single-Cell Li-Ion Batteries from Wall Adapter and USB Inputs with
Automatic Input Power Detection and Selection, 950mA Charger Current,
Thermal Regulation, C/X Charge Termination, 3mm × 3mm DFN Package
LTC4077
Dual Input Standalone Li-Ion Battery Charger
Charges Single-Cell Li-Ion Batteries from Wall Adapter and USB Inputs with
Automatic Input Power Detection and Selection, 950mA Charger Current,
Thermal Regulation, C/10 Charge Termination, 3mm × 3mm DFN Package
LTC4085
USB Power Manager with Ideal Diode Controller
and Li-Ion Charger
Charges Single-Cell Li-Ion Batteries Directly from a USB Port, Thermal
Regulation, 200mΩ Ideal Diode with <50mΩ option, 4mm × 3mm
DFN-14 Package
LTC4089/LTC4089-5 USB Power Manager with Ideal Diode Controller
and High Efficiency Li-Ion Battery Charger
High Efficiency 1.2A Charger from 6V to 36V (40V Max) Input, Bat-Track™
Adaptive Output Control (LTC4089), Fixed 5V Output (LTC4089-5), Charges
Single-Cell Li-Ion Batteries Directly from USB Port, Thermal Regulation,
200mΩ Ideal Diode with <50mΩ option, 4mm × 3mm DFN-14 Package
LTC4096/LTC4096X
Dual Input Standalone Li-Ion Battery Charger
Charges Single-Cell Li-Ion Batteries from Wall Adapter and USB Inputs
with Automatic Input Power Detection and Selection, 1.2A Charger Current,
Thermal Regulation, C/X Charge Termination, Input Power Present Output
(PWR) with 120mA Drive Capability, 3mm × 3mm DFN Package
LTC4410
USB Power Manager and Battery Charger
Manages Total Power Between a USB Peripheral and Battery Charger,
Ultralow Battery Drain: 1µA, ThinSOT Package
LTC4411/LTC4412
Low Loss PowerPath
TM Controller in ThinSOT
Automatic Switching Between DC Sources,
Load Sharing, Replaces ORing Diodes
ThinSOT and PowerPath are trademarks of Linear Technology Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com