Electronic Components Datasheet Search
  English  ▼

X  

BQ2014SN Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2014SN
Description  Gas Gauge IC with External Charge Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2014SN Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2014SN Datasheet HTML 9Page - Texas Instruments BQ2014SN Datasheet HTML 10Page - Texas Instruments BQ2014SN Datasheet HTML 11Page - Texas Instruments BQ2014SN Datasheet HTML 12Page - Texas Instruments BQ2014SN Datasheet HTML 13Page - Texas Instruments BQ2014SN Datasheet HTML 14Page - Texas Instruments BQ2014SN Datasheet HTML 15Page - Texas Instruments BQ2014SN Datasheet HTML 16Page - Texas Instruments BQ2014SN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Temperature and Gas Gauge Register
(TMPGG)
The read-only TMPGG register (address=02h) contains
two data fields. The first field contains the battery tem-
perature. The second field contains the available charge
from the battery.
The bq2014 contains an internal temperature sensor.
The temperature is used to set charge and discharge ef-
ficiency factors as well as to adjust the self-discharge co-
efficient.
The temperature register contents may be
translated as shown in Table 7.
The bq2014 calculates the available charge as a function
of NAC, temperature, and LMD. The results of the cal-
culation are available via the display port or the gas
gauge field of the TMPGG register. The register is used
to give available capacity in 1
16 increments from 0 to
15
16.
The gas gauge display and the gas gauge portion of the
TMPGG register are adjusted for cold temperature de-
pendencies. A piece-wise correction is performed as fol-
lows:
The adjustment between > 0°C and -20°C < T < 0°C has a
10°C hysteresis.
Nominal Available Charge Register
(NACH/NACL)
The read/write NACH register (address=03h) and the
read-only NACL low-byte register (address=17h) are the
main gas gauging registers for the bq2014. The NAC
registers are incremented during charge actions and
decremented during discharge and self-discharge ac-
tions. The correction factors for charge/discharge effi-
ciency are applied automatically to NAC.
On reset, NACH and NACL are cleared to 0. When the
bq2014 detects a charge, NACL resets to 0. NACH and
NACL are reset to 0 on the first valid charge after VSB =
EDV1. Writing to the NAC registers affects the available
charge counts and, therefore, affects the bq2014 gas
gauge operation. Do not write the NAC registers to a
value greater than LMD.
Battery Identification Register (BATID)
The read/write BATID register (address=04h) is avail-
able for use by the system to determine the type of bat-
tery pack. The BATID contents are retained as long as
VCC is greater than 2V. The contents of BATID have no
effect on the operation of the bq2014. There is no de-
fault setting for this register.
Last Measured Discharge Register (LMD)
LMD is a read/write register (address=05h) that the
bq2014 uses as a measured full reference. The bq2014
adjusts LMD based on the measured discharge capacity
of the battery from full to empty. In this way the bq2014
updates the capacity of the battery. LMD is set to PFC
during a bq2014 reset.
Secondary Status Flags Register (FLGS2)
The read-only FLGS2 register (address=06h) contains
the secondary bq2014 flags.
The charge rate flag (CR) is used to denote the fast
charge regime.
Fast charge is assumed whenever a
charge action is initiated. The CR flag remains asserted
if the charge rate does not fall below 2 counts/sec.
13
Temperature
Available Capacity Calculation
> 0°C
NAC / “Full Reference”
-20°C < T < 0°C
0.75 * NAC / “Full Reference”
< -20°C
0.5 * NAC / “Full Reference”
TMP3
TMP2
TMP1
TMP0
Temperature
0000
T < -30°C
0001
-30°C < T < -20°C
0010
-20°C < T < -10°C
0011
-10°C < T < 0°C
0100
0°C < T < 10°C
0101
10°C < T < 20°C
0110
20°C < T < 30°C
0111
30°C < T < 40°C
1000
40°C < T < 50°C
1001
50°C < T < 60°C
1010
60°C < T < 70°C
1011
70°C < T < 80°C
1100
T > 80°C
Table 7. Temperature Register Translation
TMPGG Gas Gauge Bits
76
5
4
3
2
1
0
-
-
-
-
GG3
GG2
GG1
GG0
TMPGG Temperature Bits
7
6
5
4
3210
TMP3
TMP2
TMP1
TMP0
-
-
-
bq2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com