Electronic Components Datasheet Search
  English  ▼

X  

BQ2014SN Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2014SN
Description  Gas Gauge IC with External Charge Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2014SN Datasheet(HTML) 2 Page - Texas Instruments

  BQ2014SN Datasheet HTML 1Page - Texas Instruments BQ2014SN Datasheet HTML 2Page - Texas Instruments BQ2014SN Datasheet HTML 3Page - Texas Instruments BQ2014SN Datasheet HTML 4Page - Texas Instruments BQ2014SN Datasheet HTML 5Page - Texas Instruments BQ2014SN Datasheet HTML 6Page - Texas Instruments BQ2014SN Datasheet HTML 7Page - Texas Instruments BQ2014SN Datasheet HTML 8Page - Texas Instruments BQ2014SN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Pin Descriptions
LCOM
LED common output
Open-drain output switches VCC to source
current for the LEDs. The switch is off dur-
ing initialization to allow reading of the soft
pull-up or pull-down programming resistors.
LCOM is also in a high impedance state
when the display is off.
SEG1–
SEG5
LED display segment outputs (dual func-
tion with PROG1—PROG5)
Each output may activate an LED to sink
the current sourced from LCOM.
PROG1–
PROG5
Programmed full count selection imputs
(dual function with SEG1—SEG5)
These three-level input pins define the pro-
grammed full count (PFC) thresholds de-
scribed in Table 2.
PROG3–
PROG4
Gas gauge rate selection inputs (dual
function with SEG3—SEG4)
These three-level input pins define the pro-
grammed full count (PFC) thresholds de-
scribed in Table 2.
PROG5
Self-discharge rate selection (dual func-
tion with SEG5)
This three-level input pin defines the self-
discharge compensation rate shown in Ta-
ble 1.
CHG
Charge control output
This open-drain output becomes active high
when charging is allowed.
DONE
Fast charge complete
This input is used to communicate the
status of an external charge controller such
as the bq2004 Fast Charge IC. Note: This
pin must be pulled down to VSS using a
200K
Ω resistor.
SR
Sense resistor input
The voltage drop (VSR) across the sense re-
sistor RS is monitored and integrated over
time to interpret charge and discharge activ-
ity. The SR input is tied to the high side of
the sense resistor. VSR <VSS indicates dis-
charge, and VSR >VSS indicates charge. The
effective voltage drop VSRO, as seen by the
bq2014, is VSR +VOS (see Table 5).
DISP
Display control input
DISP high disables the LED display. DISP
tied to VCC allows PROGX to connect di-
rectly to VCC or VSS instead of through a
pull-up or pull-down reistor. DISP floating
allows the LED display to be active during
a valid charge or during discharge if the
NAC register is updated at a rate equiva-
lent to VSRO
≤ -4mV. DISP low activates
the display. See Table 1.
SB
Secondary battery input
This input monitors the single-cell voltage
potential through a high-impedance resis-
tive divider network for the end-of-discharge
voltage (EDV) thresholds,maximum charge
voltage (MCV), and battery removed.
EMPTY
Battery empty output
This
open-drain
output
becomes
high-
impedance on detection of a valid final end-
of-discharge voltage (VEDVF) and is low fol-
lowing the next application of a valid charge.
DQ
Serial I/O pin
This is an open-drain bidirectional pin.
REF
Voltage reference output for regulator
REF provides a voltage reference output for
an optional micro-regulator.
VCC
Supply voltage input
VSS
Ground
2
bq2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com