Electronic Components Datasheet Search
  English  ▼

X  

LTC4218CDHC Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4218CDHC
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4218CDHC Datasheet(HTML) 5 Page - Linear Technology

  LTC4218CDHC Datasheet HTML 1Page - Linear Technology LTC4218CDHC Datasheet HTML 2Page - Linear Technology LTC4218CDHC Datasheet HTML 3Page - Linear Technology LTC4218CDHC Datasheet HTML 4Page - Linear Technology LTC4218CDHC Datasheet HTML 5Page - Linear Technology LTC4218CDHC Datasheet HTML 6Page - Linear Technology LTC4218CDHC Datasheet HTML 7Page - Linear Technology LTC4218CDHC Datasheet HTML 8Page - Linear Technology LTC4218CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4218
5
4218fb
FB VOLTAGE (V)
0
0
4
8
2
6
10
12
14
16
0.2
0.4
0.6
0.8
4218 G07
1.0
1.2
RSET (Ω)
1k
10k
100k
1M
4218 G08
10M
0
4
8
2
6
10
12
14
16
CURRENT LIMIT SENSE VOLTAGE
(VSENSE
+ – V
SENSE
–) (mV)
1000
100
10
1
0.1
075
4218 G06
15
30
45
60
CGATE = 10nF
TEMPERATURE (
°C)
–50
–110
–105
–100
–95
–90
–25
0
25
4218 G05
50
75
100
TEMPERATURE (
°C)
–50
0.10
0.08
0.06
0.04
–25
0
25
4218 G04
50
75
100
ILOAD (mA)
0
0
0.5
1.5
1.0
3.5
2.0
2.5
3.0
4218 G02
–14
–12
–10
–8
–6
–4
–2
VDD = 5V
VDD = 3.3V
VDD (V)
0
1.0
1.2
1.4
1.6
1.8
2.0
510
15
20
4218 G01
25
30
–40
°C
25
°C
85
°C
TYPICAL PERFORMANCE CHARACTERISTICS
IDD vs VDD
INTVCC Load Regulation
UV Low-High Threshold
vs Temperature
UV Hysteresis vs Temperature
Timer Pull-Up Current
vs Temperature
Current Limit Delay
Current Limit Threshold Foldback
Current Limit Adjustment
ISET Resistor vs Temperature
TA = 25°C, VDD = 12V unless otherwise noted.
TEMPERATURE (
°C)
–50
1.234
1.232
1.230
1.228
1.226
–25
0
25
4218 G03
50
75
100
TEMPERATURE (
°C)
–50
22
21
20
19
18
–25
0
25
4218 G09
50
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com