Electronic Components Datasheet Search
  English  ▼

X  

LTC4218CDHC Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4218CDHC
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4218CDHC Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4218CDHC Datasheet HTML 2Page - Linear Technology LTC4218CDHC Datasheet HTML 3Page - Linear Technology LTC4218CDHC Datasheet HTML 4Page - Linear Technology LTC4218CDHC Datasheet HTML 5Page - Linear Technology LTC4218CDHC Datasheet HTML 6Page - Linear Technology LTC4218CDHC Datasheet HTML 7Page - Linear Technology LTC4218CDHC Datasheet HTML 8Page - Linear Technology LTC4218CDHC Datasheet HTML 9Page - Linear Technology LTC4218CDHC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4218
6
4218fb
TEMPERATURE (
°C)
–50
105
100
95
90
85
80
–25
0
25
4218 G15
50
75
100
VDD = 3.3V, 12V, 24V
VSENSE
+ – V
SENSE
– = 15mV
ILOAD (mA)
0
0
14
12
10
8
6
4
2
2468
4218 G14
10
12
FLT
PG
TEMPERATURE (
°C)
–50
6.15
6.14
6.13
6.12
6.11
6.10
–25
0
25
4218 G13
50
75
100
TEMPERATURE (
°C)
–50
–26.0
–25.5
–25.0
–24.5
–24.0
–25
0
25
4218 G10
50
75
100
IGATE (μA)
0
0
7
6
5
4
3
2
1
–5
–10
–15
–20
4218 G11
–25
–30
VDD = 12V
VDD = 3.3V
VDD (V)
0
6.2
6.0
5.8
5.6
5.4
5.2
510
15
4218 G12
20
25
30
TYPICAL PERFORMANCE CHARACTERISTICS
Gate Drive vs Temperature
PG, FLT VOUT Low vs ILOAD
GATE Pull-Up Current
vs Temperature
Gate Pull-Up Current
vs Gate Drive
Gate Drive vs VDD
TA = 25°C, VDD = 12V unless otherwise noted.
IMON vs Temperature and VDD
SENSE VOLTAGE (mV)
0
0
4
3
2
1
510
4218 G17
15
RIMON = 100k
RIMON = 40k
RIMON = 20k
RIMON = 10k
SENSE VOLTAGE (mV)
0
0
100
75
50
25
510
4218 G16
15
IMON vs Sense
VIMON vs Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com