Electronic Components Datasheet Search
  English  ▼

X  

LTC4151HDD Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4151HDD
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151HDD Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4151HDD Datasheet HTML 8Page - Linear Technology LTC4151HDD Datasheet HTML 9Page - Linear Technology LTC4151HDD Datasheet HTML 10Page - Linear Technology LTC4151HDD Datasheet HTML 11Page - Linear Technology LTC4151HDD Datasheet HTML 12Page - Linear Technology LTC4151HDD Datasheet HTML 13Page - Linear Technology LTC4151HDD Datasheet HTML 14Page - Linear Technology LTC4151HDD Datasheet HTML 15Page - Linear Technology LTC4151HDD Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4151/LTC4151-1
13
41511fa
and each of the following (if more) data bytes, as in a
Read Page command, the LTC4151/LTC4151-1 will keep
sending out each data byte in the register that corresponds
to the incrementing register pointer. The read operation
terminates and the register address pointer resets to 00h
when the master sends a Stop condition.
Layout Considerations
A Kelvin connection between the sense resistor RS and
the LTC4151/LTC4151-1 is recommended to achieve ac-
curate current sensing (Figure 10). The minimum trace
width for 1oz copper foil is 0.02" per amp to make sure
the trace stays at a reasonable temperature. Using 0.03"
per amp or wider is recommended. Note that 1oz copper
exhibits a sheet resistance of about 530μ
Ω per square.
APPLICATIONS INFORMATION
TYPICAL APPLICATION
LTC4151
SCL
VIN
48V
VIN
SENSE+ SENSE–
0.2Ω
I2C
SDA
ADR1
ADR0
ADIN
40.2k
1%
100k AT 25°C
1%
1.5k
1%
VISHAY
2381 615 4.104
250mA
LOAD
GND
41511 TA02
41511 F10
SENSE–
GND
SENSE+
VIN
ADR1
ADR0
LTC4151
VIN
GND
RS
ILOAD
ILOAD
Figure 10. Recommended Layout for Kelvin Connection
Temperature Monitoring with an NTC Thermistor While
Measuring Load Current and LTC4151 Supply Current
T(°C) = 58.82
× (NADIN/NVIN – 0.1066), 20°C < T < 60°C.
NADIN and NVIN are digital codes measured by the ADC at the
ADIN and VIN pins, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com