Electronic Components Datasheet Search
  English  ▼

X  

LTC4151HDD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4151HDD
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151HDD Datasheet(HTML) 2 Page - Linear Technology

  LTC4151HDD Datasheet HTML 1Page - Linear Technology LTC4151HDD Datasheet HTML 2Page - Linear Technology LTC4151HDD Datasheet HTML 3Page - Linear Technology LTC4151HDD Datasheet HTML 4Page - Linear Technology LTC4151HDD Datasheet HTML 5Page - Linear Technology LTC4151HDD Datasheet HTML 6Page - Linear Technology LTC4151HDD Datasheet HTML 7Page - Linear Technology LTC4151HDD Datasheet HTML 8Page - Linear Technology LTC4151HDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4151/LTC4151-1
2
41511fa
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................. –0.3V to 90V
SENSE+, SENSE– Voltages.......................... VIN – 10V or
–0.3V to VIN + 0.3V
ADR1, ADR0 Voltages .............................. –0.3V to 90V
ADIN, SHDN, SDAO Voltages ...................... –0.3V to 6V
SCL, SDA, SDAI Voltages (Note 2)........... –0.3V to 5.5V
SCL, SDA, SDAI Clamp Current .............................. 5mA
(Notes 1, 3)
PIN CONFIGURATION
Operating Temperature Range
LTC4151C/LTC4151C-1 ............................ 0°C to 70°C
LTC4151I/LTC4151I-1 ..........................–40°C to 85°C
Storage Temperature Range
MSOP ................................................–65°C to 150°C
DFN....................................................–65°C to 125°C
Lead Temperature (Soldering, 10 sec)
MSOP Only ....................................................... 300°C
LTC4151
LT4151
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
11
3
2
1
SENSE–
GND
SHDN
SDA
SCL
SENSE+
VIN
ADR1
ADR0
ADIN
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 11) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
10
9
8
7
6
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
SENSE–
GND
SHDN
SDA
SCL
SENSE+
VIN
ADR1
ADR0
ADIN
TJMAX = 125°C, θJA = 85°C/W
LTC4151-1
LTC4151-1
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
SENSE–
GND
SDAO
SDAI
SCL
SENSE+
VIN
ADR1
ADR0
ADIN
11
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 11) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
10
9
8
7
6
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
SENSE–
GND
SDAO
SDAI
SCL
SENSE+
VIN
ADR1
ADR0
ADIN
TJMAX = 125°C, θJA = 85°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com