Electronic Components Datasheet Search
  English  ▼

X  

LTC3528 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3528
Description  1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3528 Datasheet(HTML) 3 Page - Linear Technology

  LTC3528 Datasheet HTML 1Page - Linear Technology LTC3528 Datasheet HTML 2Page - Linear Technology LTC3528 Datasheet HTML 3Page - Linear Technology LTC3528 Datasheet HTML 4Page - Linear Technology LTC3528 Datasheet HTML 5Page - Linear Technology LTC3528 Datasheet HTML 6Page - Linear Technology LTC3528 Datasheet HTML 7Page - Linear Technology LTC3528 Datasheet HTML 8Page - Linear Technology LTC3528 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3528/LTC3528B
3
3528fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3528E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input High Voltage
0.88
V
SHDN Input Low Voltage
0.25
V
SHDN Input Current
VSHDN = 1.2V
0.3
1
μA
PGOOD Threshold Percentage
Referenced to Feedback Voltage Falling
–7
–10
–13
%
PGOOD Low Voltage
IPGOOD = 1mA
VOUT = 1.6V, IPGOOD = 1mA
0.05
0.05
0.1
0.2
V
V
PGOOD Leakage Current
VPGOOD = 5.5V
0.01
1
μA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the specified operating
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, unless otherwise noted.
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
76°C/W.
Note 7: The IC is tested in a feedback loop to make the measurement.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current and VIN
for VOUT = 1.8V (LTC3528)
Efficiency vs Load Current and VIN
for VOUT = 3V (LTC3528)
(TA = 25°C unless otherwise noted)
LOAD CURRENT (mA)
0.01
60
80
100
100
3528 G01
40
20
50
70
90
30
10
0
10
100
1000
1
0.1
0.01
0.1
1
10
1000
VIN = 1V
VIN = 1.2V
VIN = 1.5V
EFFICIENCY
POWER
LOSS
LOAD CURRENT (mA)
0.01
60
80
100
100
3528 G26
40
20
50
70
90
30
10
0
10
100
1000
1
0.1
0.01
0.1
1
10
1000
VIN = 1V
VIN = 1.5V
VIN = 2.4V
EFFICIENCY
POWER
LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com