Electronic Components Datasheet Search
  English  ▼

X  

LTC3528 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3528
Description  1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3528 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3528 Datasheet HTML 2Page - Linear Technology LTC3528 Datasheet HTML 3Page - Linear Technology LTC3528 Datasheet HTML 4Page - Linear Technology LTC3528 Datasheet HTML 5Page - Linear Technology LTC3528 Datasheet HTML 6Page - Linear Technology LTC3528 Datasheet HTML 7Page - Linear Technology LTC3528 Datasheet HTML 8Page - Linear Technology LTC3528 Datasheet HTML 9Page - Linear Technology LTC3528 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3528/LTC3528B
6
3528fa
PIN FUNCTIONS
Load Step Response (Fixed
Frequency, 1.2V to 3.3V)
Load Step Response (Burst Mode
Operation, 1.2V to 3.3V, LTC3528)
SHDN (Pin 1): Logic Controlled Shutdown Input. There is
an internal 4MΩ pull-down resistor on this pin.
• SHDN = High: Normal operation
• SHDN = Low: Shutdown, quiescent current < 1μA
FB (Pin 2): Feedback Input. Connect resistor divider tap
to this pin. The output voltage can be adjusted from 1.6V
to 5.25V by:
VOUT = 1.20V • 1+
R2
R1
PGOOD (Pin 3): Power Good Comparator Output. This
open-drain output is low when VFB < 10% from its regu-
lation voltage.
VOUT (Pin 4): Output Voltage Sense and Drain Connection
of the Internal Synchronous Rectifier. PCB trace length
from VOUT to the output filter capacitor (4.7μF minimum)
should be as short and wide as possible.
SW (Pin 5): Switch Pin. Connect inductor between SW
and VIN. Keep PCB trace lengths as short and wide as
possible to reduce EMI. If the inductor current falls to
zero, or SHDN is low, an internal anti-ringing switch is
connected from SW to VIN to minimize EMI.
PGND (Pin 6): Power Ground. Provide a short direct PCB
path between PGND and the (–) side of the input and
output capacitors.
SGND (Pin 7): Signal Ground. Provide a short direct PCB
path between SGND and the (–) side of the input and
output capacitors.
Load Step Response (Fixed
Frequency, 3.6V to 5V)
Load Step Response (Burst Mode
Operation, 3.6V to 5V, LTC3528)
VOUT and IIN During Soft-Start
Burst Mode Waveforms
5μs/DIV
3528 G20
VIN = 3.6V
VOUT = 5V
COUT = 22μF
CFF = 33pF
ILOAD = 30mA
VOUT
20mV/DIV
INDUCTOR
CURRENT
100mA/DIV
VOUT
1V/DIV
SHDN PIN
200μs/DIV
3528 G21
VIN = 1.2V
VOUT = 3.3V
COUT = 10μF
L = 4.7μH
IIN
200mA/DIV
VOUT
100mV/DIV
20μs/DIV
3528 G22
VIN = 3.6V
VOUT = 5V
COUT = 10μF
L = 4.7μH
LOAD
CURRENT
200mA/DIV
VOUT
100mV/DIV
50μs/DIV
3528 G23
VIN = 3.6V
VOUT = 5V
COUT = 10μF
L = 4.7μH
LOAD
CURRENT
200mA/DIV
VOUT
100mV/DIV
50μs/DIV
3528 G24
VIN = 1.2V
VOUT = 3.3V
COUT = 10μF
L = 4.7μH
LOAD
CURRENT
100mA/DIV
VOUT
100mV/DIV
50μs/DIV
3528 G25
VIN = 1.2V
VOUT = 3.3V
COUT = 10μF
L = 4.7μH
LOAD
CURRENT
100mA/DIV
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com