Electronic Components Datasheet Search
  English  ▼

X  

LTC3528B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3528B
Description  1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3528B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3528B Datasheet HTML 7Page - Linear Technology LTC3528B Datasheet HTML 8Page - Linear Technology LTC3528B Datasheet HTML 9Page - Linear Technology LTC3528B Datasheet HTML 10Page - Linear Technology LTC3528B Datasheet HTML 11Page - Linear Technology LTC3528B Datasheet HTML 12Page - Linear Technology LTC3528B Datasheet HTML 13Page - Linear Technology LTC3528B Datasheet HTML 14Page - Linear Technology LTC3528B Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3528/LTC3528B
11
3528fa
APPLICATIONS INFORMATION
The inductor current ripple is typically set for 20% to
40% of the maximum inductor current. High frequency
ferrite core inductor materials reduce frequency depen-
dent power losses compared to cheaper powdered iron
types, improving efficiency. The inductor should have low
ESR (series resistance of the windings) to reduce the I2R
power losses, and must be able to handle the peak induc-
tor current without saturating. Molded chokes and some
chip inductors usually do not have enough core area to
support the peak inductor currents of 1.5A seen on the
LTC3528/LTC3528B. To minimize radiated noise, use a
shielded inductor. See Table 1 for suggested components
and suppliers.
Table 1. Recommended Inductors
VENDOR
PART/STYLE
Coilcraft
(847) 639-6400
www.coilcraft.com
LPO2506, MSS5131
MSS6122, MOS6020
ME3220, DO1608C
1812PS
Coiltronics
SD14, SD18, SD20
SD25, SD52
Sumida
(847) 956-0666
www.sumida.com
CD43
CDC5D23B
CDRH5D18
CR43
TDK
VLP, VLF
VLCF, SLF
Toko
(408) 432-8282
www.tokoam.com
D53, D63
D73, D75
Wurth
(201) 785-8800
www.we-online.com
WE-TPC type M, MH
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize the output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints.
A 10μF to 22μF output capacitor is sufficient for most ap-
plications. Values larger than 22μF may be used to obtain
extremely low output voltage ripple and improve transient
response. X5R and X7R dielectric materials are preferred
for their ability to maintain capacitance over wide voltage
and temperature ranges. Y5V types should not be used.
The internal loop compensation of the LTC3528/LTC3528B
is designed to be stable with output capacitor values of 10μF
or greater. Although ceramic capacitors are recommended,
low ESR tantalum capacitors may be used as well.
A small ceramic capacitor in parallel with a larger tantalum
capacitor may be used in demanding applications which
have large load transients. Another method of improving
the transient response is to add a small feed-forward
capacitor across the top resistor of the feedback divider
(from VOUT to FB). A typical value of 33pF will generally
suffice.
Low ESR input capacitors reduce input switching noise
and reduce the peak current drawn from the battery. It
follows that ceramic capacitors are also a good choice
for input decoupling and should be located as close as
possible to the device. A 10μF input capacitor is sufficient
for most applications. Larger values may be used without
limitations. Table 2 shows a list of several ceramic capaci-
tor manufacturers. Consult the manufacturers directly for
detailed information on their selection of ceramic parts.
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
WEBSITE
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Taiyo-Yuden
(408) 573-4150
www.t-yuden.com
TDK
(847) 803-6100
www.component.tdk.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com