Electronic Components Datasheet Search
  English  ▼

X  

LTC3528B Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3528B
Description  1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3528B Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3528B Datasheet HTML 8Page - Linear Technology LTC3528B Datasheet HTML 9Page - Linear Technology LTC3528B Datasheet HTML 10Page - Linear Technology LTC3528B Datasheet HTML 11Page - Linear Technology LTC3528B Datasheet HTML 12Page - Linear Technology LTC3528B Datasheet HTML 13Page - Linear Technology LTC3528B Datasheet HTML 14Page - Linear Technology LTC3528B Datasheet HTML 15Page - Linear Technology LTC3528B Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3528/LTC3528B
14
3528fa
TYPICAL APPLICATIONS
2 Cell to 5V
Efficiency
Efficiency
Li-Ion to 5V
SW
VIN
1M
4.7μH
316k
4.7μF
22μF
3528 TA06a
LTC3528
SHDN
PGOOD
VOUT
FB
VIN
1.8V TO 3.2V
VOUT
5V
300mA
OFF ON
GND
SW
VIN
1M
4.7μH
316k
4.7μF
22μF
3528 TA07a
LTC3528
SHDN
PGOOD
VOUT
FB
VIN
2.7V TO 4.2V
VOUT
5V
400mA
OFF ON
GND
LOAD CURRENT (mA)
0.01
80
90
100
100
3528 TA06b
70
60
0.1
1
10
1000
50
40
30
VIN = 1.8V
VIN = 2.4V
VIN = 3V
LOAD CURRENT (mA)
0.01
80
90
100
100
3528 TA07b
70
60
0.1
1
10
1000
50
40
30
VIN = 2.8V
VIN = 3.6V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com