Electronic Components Datasheet Search
  English  ▼

X  

LWH1000 Datasheet(PDF) 13 Page - LUXPIA

Part # LWH1000
Description  1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH1000 Datasheet(HTML) 13 Page - LUXPIA

Back Button LWH1000 Datasheet HTML 7Page - LUXPIA LWH1000 Datasheet HTML 8Page - LUXPIA LWH1000 Datasheet HTML 9Page - LUXPIA LWH1000 Datasheet HTML 10Page - LUXPIA LWH1000 Datasheet HTML 11Page - LUXPIA LWH1000 Datasheet HTML 12Page - LUXPIA LWH1000 Datasheet HTML 13Page - LUXPIA LWH1000 Datasheet HTML 14Page - LUXPIA LWH1000 Datasheet HTML 15Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
LWH1000
Different and Better
11. Reliability
(1) The Reliability criteria of SMD LED
Limit
ITEM
Symbol
Test Condition
Min.
Max.
Forward Voltage
VF
IF = 20mA
I.V × 0.8
I.V × 1.2
Reverse Current
IR
VR = 5V
-
50uA
Luminous intensity
Iv
IF = 20mA
I.V × 0.5
I.V × 1.5
* I : Initial Value
U : Upper Spec Limit
L : Lower Spec Limit
(2) Results of reliability Test
NO
Item
Test Conditions
Test
Hours
/Cycle
Sample
Size
Ac/Re
1
Steady state Operating
Life Test(OLT)
TA = 25℃
IF=20mA
1000HR’s
45 pcs
0/1
2
Steady state Operating
Life of Low Temperature
(LTOL)
TA = -30℃
IF=20mA
1000HR’s
45 pcs
0/1
3
Steady state Operating
Life of High Temperature
(HTOL)
TA = 85℃
IF=5mA
1000HR’s
45 pcs
0/1
4
Steady state Operating
Life of High Humidity Heat
(H3TOL)
TA = 60℃, RH=90%
IF=10mA
1000HR’s
45 pcs
0/1
5
Temperature Cycle
(T/C)
TA=-40℃/room/100℃
(30min/5min/30min
100
cycle
45 pcs
0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com