Electronic Components Datasheet Search
  English  ▼

X  

LWH1000 Datasheet(PDF) 3 Page - LUXPIA

Part # LWH1000
Description  1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH1000 Datasheet(HTML) 3 Page - LUXPIA

  LWH1000 Datasheet HTML 1Page - LUXPIA LWH1000 Datasheet HTML 2Page - LUXPIA LWH1000 Datasheet HTML 3Page - LUXPIA LWH1000 Datasheet HTML 4Page - LUXPIA LWH1000 Datasheet HTML 5Page - LUXPIA LWH1000 Datasheet HTML 6Page - LUXPIA LWH1000 Datasheet HTML 7Page - LUXPIA LWH1000 Datasheet HTML 8Page - LUXPIA LWH1000 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
LWH1000
Different and Better
3. Package material
(1) Material construction
Number
Item
Material
1
PCB
C3965
2
Die adhesive
Epoxy
3
LED chip
GaN/Sapphire
4
Au wire
1.0mil
5
Mold epoxy
Clear Epoxy + Phosphor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com