Electronic Components Datasheet Search
  English  ▼

X  

MEW1021 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MEW1021
Description  2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MEW1021 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MEW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
76
55
{17
{67
{15
MEW1037
76
55
{21
{83
{12
MEW1036
70
60
{50
{200
{5
MEW1035
78
54
33
134
15
MEW1034
78
54
42
167
12
MEW1033
72
58
100
400
5
MEW1032
70
600
15
49
125
500
3.3
48
( 18 ~ 75 )
MEW1031
79
106
{17
{67
{15
MEW1027
77
108
{21
{83
{12
MEW1026
73
114
{50
{200
{5
MEW1025
80
105
33
134
15
MEW1024
79
106
42
167
12
MEW1023
76
110
100
400
5
MEW1022
71
300
20
97
125
500
3.3
24
( 9 ~ 36 )
MEW1021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
47
100
470
110
170
1000
2200
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
135mA Slow - Blow Type
350mA Slow - Blow Type
48V Input Models
24V Input Models
Input Fuse Selection Guide
Capacitor type
Input Filter
mW
1500
---
---
Short Circuit Input Power
A
0.5
---
---
All Models
Reverse Polarity Input Current
16
---
---
48V Input Models
8
---
---
24V Input Models
Under Voltage Shutdown
17
12
8.5
48V Input Models
VDC
8.5
6
4.5
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MEW1000 Series
2
MINMAX
REV:3 2008/10/02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com