Electronic Components Datasheet Search
  English  ▼

X  

MEW1021 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MEW1021
Description  2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MEW1021 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MEW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Block Diagram
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
Input Voltage Transient Rating
Dual Output
+Vo
PFM
Isolation
Ref.Amp
+Vin
-Vin
Com.
-Vo
On/Off
Single Output
PFM
Isolation
Ref.Amp
+Vin
-Vin
-Vo
+Vo
On/Off
MEW1000 Series
4
MINMAX
REV:3 2008/10/02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com