Electronic Components Datasheet Search
  English  ▼

X  

BQ2148 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2148
Description  Smart Battery Module with LEDs and Pack Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2148 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2148 Datasheet HTML 1Page - Texas Instruments BQ2148 Datasheet HTML 2Page - Texas Instruments BQ2148 Datasheet HTML 3Page - Texas Instruments BQ2148 Datasheet HTML 4Page - Texas Instruments BQ2148 Datasheet HTML 5Page - Texas Instruments BQ2148 Datasheet HTML 6Page - Texas Instruments BQ2148 Datasheet HTML 7Page - Texas Instruments BQ2148 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Customer Name: ______________________________________________________________________________________________
Contact: _______________________________________________________
Phone:____________________________
Address:________________________________________________________________________________________________
Sales Contact: __________________________________________________
Phone: ____________________________
Board Configuration
LEDs and switch
________________
Yes or No
Display mode
________________
Relative or Absolute
Discharge current (3.9A max.)
Min ____________
Avg ____________
Max ___________
Duration at max. discharge
________________
Overvoltage threshold (4.25, 4.30, or 4.35V) ____________________________
Number of series cells
_________________
EEPROM Configuration
Typical Values
Remaining time alarm (min) _______________
Sets the low time alarm level
10 min
Remaining capacity alarm
(mAh)
_______________
Sets the low capacity alarm level
C/10
Charging voltage (mV)
_______________
Sets the requested charging voltage
4.1V/cell
Design cpaacity (mAh)
_______________
Defines the battery pack capacity
3600
Design voltage (mV)
_______________
Defines the battery pack voltage
10800
Manufacturer date
_______________
Battery pack manufacturer date
mm/dd/yy
Serial number
_______________
Battery pack serial number
0-65535
Fast-charging current (mA)
_______________
Sets the requested charging current
1C
Maintenance charging
current (mA)
_______________
Sets the requested maintenance charging
current
0
Li-Ion taper current (mA)
_______________
Sets the upper limit for charge termination
C/10
Maximum overcharge (mAh) _______________
Sets the maximum amount of overcharge
128mAh
Maximum temperature (
°C) _______________ Sets the maximum charge temperature
61
°C
∆T/∆t (°C/min)
_______________
Sets the termination rate
4.6°C/20s
Fast-charge efficiency (%)
_______________
Sets the fast-charge efficiency factor
100%
Maintenance charge effi-
ciency (%)
_______________
Sets the maintence charge efficiency factor
100%
Self-discharge rate (%/day)
_______________
Sets the batterys self-discharge rate
0.2%/day
EDV1 (mV)
_______________
Sets the initial end-of-discharge warning
3.0V/cell
EDVF (mV)
_______________
Sets the final end-of-discharge warning
2.8V/cell
Hold-off timer for
∆T/∆t (sec.) _______________
Sets the hold off period for
∆T/∆t
termination
320s
Manufacturer name
_______________
Programs manufacturer’s name (11 char. max)
bq
Device name
_______________
Programs device name (7 char. max)
bq202
Chemistry
_______________
Programs pack’s chemistry (5 char. max)
LION
Manufacturer data
_______________
Open field (5 char. max)
2040
FAE approval:
_______________
Date: ________________
Table 1. bq2148 Module Configuration
Preliminary
bq2148



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com