Electronic Components Datasheet Search
  English  ▼

X  

BQ2148 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2148
Description  Smart Battery Module with LEDs and Pack Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2148 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2148 Datasheet HTML 1Page - Texas Instruments BQ2148 Datasheet HTML 2Page - Texas Instruments BQ2148 Datasheet HTML 3Page - Texas Instruments BQ2148 Datasheet HTML 4Page - Texas Instruments BQ2148 Datasheet HTML 5Page - Texas Instruments BQ2148 Datasheet HTML 6Page - Texas Instruments BQ2148 Datasheet HTML 7Page - Texas Instruments BQ2148 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FG2148-1.eps
Battery Pack
B4N
B3N B2N B1N
B1P
NEG
POS
bq2148
Load
Charger
Cells
PACK+
PACK-
Figure 1. Module Connection Diagram
FG2158cc.eps
B1P
NC
Load
or
Charger
Three-Cell Configuration
POS
NEG
B1N
B2N
B3N
B4N
B1P
Load
or
Charger
Four-Cell Configuration
POS
NEG
B1N
B2N
B3N
B4N
Note: B1P, B4N, POS, and NEG accomodate a #20 AWG stranded wire.
B1N, B2N, and B3N accomodate a #24 AWG stranded wire.
Figure 1. Module Connection Diagram
bq2148 Preliminary
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Conditions
VOP
Supply voltage (B1P to B4N)
18
V
DC
VTR
Maximum transient voltage (B1P to B4N)
32
V
Maximum duration =
1.5
µs
VCHG
Charging voltage (POS to NEG)
18
V
ICHG
Continuous charge/discharge current
3.9
A
VOP > 6V
TA = 25
°C
TOPR
Operating temperature
0 to +70
°C
TSTG
Storage temperature
-55 to +125
°C
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation
should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Exposure to con-
ditions beyond the operational limits for extended periods of time may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com