Electronic Components Datasheet Search
  English  ▼

X  

MSLU412 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # MSLU412
Description  2W, Miniature SMD, Single & Dual Output DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU412 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  MSLU412 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2.54mm
7.62mm
1.8mm
1.3mm Min
c 0.15
2.54
[0.10]
5.08
[0.20]
3.04
[0.12]
0.6 [0.02]
13.7 [0.54]
12
4
5
8
R0.5
(Magnification of A)
SEATING PLANE
A
6.15 [0.24]
6.15 [0.24]
1.5 ±0.1
[0.06±0.004]
1.5 ±0.1
[0.06±0.004]
13.0 [0.51]
13.3 [0.52]
M
S
12.3 [0.48]
Single Output
Top View ( 2.54 mm / 0.1 inch grids )
Connecting Pin Patterns
Mechanical Dimensions
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
2.54mm
1.3mm Min
7.62mm
1.8mm
2.54
[0.10]
5.08
[0.20]
3.07
[0.12]
0.6 [0.02]
16.3 [0.64]
12
4
7
10
R0.5
(Magnification of A)
SEATING PLANE
A
6.15 [0.24]
6.15 [0.24]
1.5 ±0.1
[0.06±0.004]
1.5 ±0.1
[0.06±0.004]
15.7 [0.62]
16.0 [0.63]
12.3 [0.48]
5
2.54
[0.10]
c 0.15 M S
Dual Output
MSLU400 Series
6
MINMAX
REV:4 2009/01/20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com