Electronic Components Datasheet Search
  English  ▼

X  

MSLU412 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MSLU412
Description  2W, Miniature SMD, Single & Dual Output DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU412 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

  MSLU412 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU412 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UL94V-0
:
Flammability
NA : Not Available for Electrical Connection
2.2g
:
Weight (Dual Output)
1.5g
:
Weight (Single Output)
NA
No Pin
10
Non-Conductive Black Plastic
:
Case Material
No Pin
NA
8
+Vout
No Pin
7
0.64*0.37*0.34 inches
-Vout
+Vout
5
16.3*9.3*8.7 mm
:
Case Size
(Dual Output)
Common
-Vout
4
+Vin
+Vin
2
0.54*0.37*0.34 inches
-Vin
-Vin
1
13.7*9.3*8.7 mm
:
Case Size
(Single Output)
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
MSLU400 Series
REV:4 2009/01/20
MINMAX
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com