Electronic Components Datasheet Search
  English  ▼

X  

MSLU418 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSLU418
Description  2W, Miniature SMD, Single & Dual Output DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU418 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSLU418 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Internal SMD Construction
UL 94V-0 Package Material
Lead Frame Technology
Temperature Performance -25] to +75]
Output 3.3, 5, 12, {5, {12 and {15VDC
Input 5, 12 and 24VDC
Low Cost
MTBF > 2,000,000 Hours
1500VDC Isolation
Efficiency up to 80%
Key Features
2W, Miniature SMD, Single & Dual Output DC/DC Converters
Minmax's MSLU400 2W DC/DC's are in "gull-wing" SMT package, weigh a mere 2.2 grams. The series consists of 18 models with input
voltages of 5V,12V and 24VDC which offers standard output voltages of 3.3V, 5V, 12V, {5V, {12V and {15VDC for the choice.
Their impressive guaranteed efficiencies enable all models to deliver their fully rated output power from -25] to +75] without heat
sinking or forced-air cooling.
The MSLU400 series are excellent selections for a variety of applications including data communication equipments, distributed power
systems, telecommunication equipments and industrial robot systems.
The MSLU400 units are available in tape and reel package.
Low Profile
Low Cost
$
I/O Isolation
1500
VDC
SMD
Leadfree Reflow Solder Process as per IPC/JEDEC J-STD-020C peak
temp. 245C/10 sec.
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
Free-Air Convection
Cooling
mW
650
---
Internal Power Dissipation
%
95
---
Humidity
]
300
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+125
-25
Storage Temperature
VDC
30
-0.7
24VDC Input Models
]
+90
-25
Case
Operating Temperature
VDC
18
-0.7
12VDC Input Models
]
+75
-25
Ambient
Operating Temperature
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MSLU400 Series
REV:4 2009/01/20
MINMAX
1


Similar Part No. - MSLU418

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU418 MINMAX-MSLU418 Datasheet
268Kb / 4P
DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSLU418 TOTAL-POWER-MSLU418 Datasheet
448Kb / 4P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU418

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
MSAU400 MINMAX-MSAU400 Datasheet
205Kb / 6P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
LF200D MPD-LF200D Datasheet
234Kb / 2P
Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
Isolated 2W Dual&Single Output DC/DC Converters
logo
MicroPower Direct, LLC
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
2W, Single Output Ultra-Miniature SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com