Electronic Components Datasheet Search
  English  ▼

X  

MSLU418 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSLU418
Description  2W, Miniature SMD, Single & Dual Output DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU418 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSLU418 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU418 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
79
5
104
{1
{66
{15
MSLU429
79
5
105
{1.5
{83
{12
MSLU428
79
5
105
3
165
12
MSLU424
75
8
111
8
400
5
MSLU422
72
8
15
96
10
500
3.3
24
(21.6 ~ 26.4)
MSLU421
80
5
206
{1
{66
{15
MSLU419
80
5
208
{1.5
{83
{12
MSLU418
79
5
209
3
165
12
MSLU414
75
8
222
8
400
5
MSLU412
72
8
30
191
10
500
3.3
12
(10.8 ~ 13.2)
MSLU411
76
7
521
{1
{66
{15
MSLU409
76
7
524
{1.5
{83
{12
MSLU408
74
10
541
{4
{200
{5
MSLU406
77
11
514
3
165
12
MSLU404
73
11
548
8
400
5
MSLU402
70
11
60
471
10
500
3.3
5
(4.5 ~ 5.5)
MSLU401
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
4.7
4.7
10
10
47
47
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
12V
5V
3.3V
Models by Vout
Capacitive Load
200mA Slow - Blow Type
500mA Slow - Blow Type
1000mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
Input Specifications
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
MSLU400 Series
2
MINMAX
REV:4 2009/01/20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com