Electronic Components Datasheet Search
  English  ▼

X  

BQ4287 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4287
Description  Real-Time Clock Module With NVRAM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4287 Datasheet(HTML) 1 Page - Texas Instruments

  BQ4287 Datasheet HTML 1Page - Texas Instruments BQ4287 Datasheet HTML 2Page - Texas Instruments BQ4287 Datasheet HTML 3Page - Texas Instruments BQ4287 Datasheet HTML 4Page - Texas Instruments BQ4287 Datasheet HTML 5Page - Texas Instruments BQ4287 Datasheet HTML 6Page - Texas Instruments BQ4287 Datasheet HTML 7Page - Texas Instruments BQ4287 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
® Direct clock/calendar replace-
ment for IBM®
AT-compatible computers and
other applications
® Functionally compatible with the
DS1287/DS1287A and
MC146818A
® 114 bytes of general nonvolatile
storage
® Automatic backup supply and
write-protection to make external
SRAM nonvolatile
® Integral lithium cell and crystal
® 160 ns cycle time allows fast bus
operation
® Intel bus timing
® 14 bytes for clock/calendar and
control
® BCD or binary format for clock
and calendar data
® Calendar in day of the week, day of
the month, months, and years with
automatic leap-year adjustment
® Time of day in seconds, minutes,
and hours
- 12- or 24-hour format
- Optional daylight saving
adjustment
® Programmable square wave out-
put
® Three individually maskable in-
terrupt event flags:
- Periodic rates from 122 µsto
500 ms
- Time-of-day alarm once per
second to once per day
- End-of-clock update cycle
® Better than one minute per
month clock accuracy
General Description
The CMOS bq4287 is a low-power
microprocessor peripheral providing
a time-of-day clock and 100-year cal-
endar with alarm features and bat-
tery operation. Other features in-
clude three maskable interrupt
sources, square wave output, and
114 bytes of general nonvolatile
storage.
The bq4287 write-protects the clock,
calendar, and storage registers dur-
ing power failure. The integral
backup energy source then main-
tains data and operates the clock
and calendar.
The bq4287 uses its integral battery-
backup controller and battery to make
a standard CMOS SRAM nonvolatile
during power-fail conditions. During
power-fail, the bq4287 automatically
write-protects the external SRAM and
provides a VCC output sourced from its
internal battery.
The bq4287 is a fully compatible
real-time clock for IBM AT-compatible
computers and other applications.
As shipped from Benchmarq, the
backup cell is electrically isolated
from the memory. Following the first
application of VCC, this isolation is
broken, and the backup cell provides
data retention to the clock, internal
RAM, VOUT, and CEOUT on subse-
quent power-downs.
The bq4287 is functionally equiva-
lent to the bq4285, except that the
battery (16, 20) and crystal pins (2,
3) are not accessible. These pins are
connected internally to a coin cell
and quartz crystal. The coin cell pro-
vides 130mAh of capacity. For a
complete description of features, op-
erating conditions, electrical charac-
teristics, bus timing, and pin de-
scriptions, see the bq4285 data
sheet.
1
Pin Names
AD0–AD7
Multiplexed address/data
input/output
CS
Chip select input
ALE
Address strobe input
RD
Data strobe input
WR
Read/write input
INT
Interrupt request output
RST
Reset input
SQW
Square wave output
CEIN
RAM chip enable input
CEOUT
RAM chip enable output
NC
No connect
VOUT
Supply output
VCC
+5V supply
VSS
Ground
1
PN428701.eps
24-Pin DIP Module
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
VCC
SQW
CEOUT
NC
INT
RST
RD
NC
WR
ALE
CS
VOUT
NC
NC
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VSS
CEIN
bq4287
Pin Connections
Real-Time Clock Module With NVRAM Control
Caution:
Take care to avoid inadvertent dis-
charge through VOUT and CEOUT
after battery isolation has been
broken.
Nov. 1993 C


Similar Part No. - BQ4287

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
Real-Time Clock Module With NVRAM Control
More results

Similar Description - BQ4287

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
logo
Texas Instruments
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
Real-Time Clock RTC With NVRAM Control
logo
Epson Company
RTC-4553 EPSON-RTC-4553 Datasheet
111Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE WITH SRAM)
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94_06 Datasheet
328Kb / 40P
Serial Real Time Clock with 44Bytes NVRAM and Reset
29-Aug-2006
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
Serial real-time clock with 56 bytes of NVRAM
02-May-2008
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
Serial real-time clock with 56 bytes NVRAM
13-Dec-2007
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
11-Jun-2012
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
logo
Texas Instruments
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
Real-Time Clock Module With NVRAM Control
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
Real-Time Clock (RTC) With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com