Electronic Components Datasheet Search
  English  ▼

X  

BQ4285LP Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ4285LP
Description  Enhanced RTC With NVRAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285LP Datasheet(HTML) 5 Page - Texas Instruments

  BQ4285LP Datasheet HTML 1Page - Texas Instruments BQ4285LP Datasheet HTML 2Page - Texas Instruments BQ4285LP Datasheet HTML 3Page - Texas Instruments BQ4285LP Datasheet HTML 4Page - Texas Instruments BQ4285LP Datasheet HTML 5Page - Texas Instruments BQ4285LP Datasheet HTML 6Page - Texas Instruments BQ4285LP Datasheet HTML 7Page - Texas Instruments BQ4285LP Datasheet HTML 8Page - Texas Instruments BQ4285LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Programming the RTC
The time-of-day, alarm, and calendar bytes can be written
in either the BCD or binary format (see Table 2).
These steps may be followed to program the time, alarm,
and calendar:
1.
Modify the contents of register B:
a.
Write a 1 to the UTI bit to prevent trans-
fers between RTC bytes and user buffer.
b.
Write the appropriate value to the data for-
mat (DF) bit to select BCD or binary format
for all time, alarm, and calendar bytes.
c.
Write the appropriate value to the hour
format (HF) bit.
2.
Write new values to all the time, alarm, and
calendar locations.
3.
Clear the UTI bit to allow update transfers.
On the next update cycle, the RTC updates all 10 bytes
in the selected format.
Square-Wave Output
The bq4285E/L divides the 32.768kHz oscillator fre-
quency to produce the 1 Hz update frequency for the
clock and calendar. Thirteen taps from the frequency di-
vider are fed to a 16:1 multiplexer circuit. The output of
this mux is fed to the SQW output and periodic inter-
rupt generation circuitry. The four least-significant bits
of register A, RS0–RS3, select among the 13 taps (see
Table 3). The square-wave output is enabled by writing
a 1 to the square-wave enable bit (SQWE) in register B.
A 32.768kHz output may be selected by setting
OSC2–OSC0 in register A to 011 while SQWE=1and
32KE = 1.
5
bq4285E/L
Address
RTC Bytes
Range
Decimal
Binary
Binary-Coded
Decimal
0
Seconds
0–59
00H–3BH
00H–59H
1
Seconds alarm
0–59
00H–3BH
00H–59H
2
Minutes
0–59
00H–3BH
00H–59H
3
Minutes alarm
0–59
00H–3BH
00H–59H
4
Hours, 12-hour format
1–12
01H–OCH AM;
81H–8CH PM
01H–12H AM;
81H–92H PM
Hours, 24-hour format
0–23
00H–17H
00H–23H
5
Hours alarm, 12-hour format
1–12
01H–OCH AM;
81H–8CH PM
01H–12H AM;
81H–92H PM
Hours alarm, 24-hour format
0–23
00H–17H
00H–23H
6
Day of week (1=Sunday)
1–7
01H–07H
01H–07H
7
Day of month
1–31
01H–1FH
01H–31H
8
Month
1–12
01H–0CH
01H–12H
9
Year
0–99
00H–63H
00H–99H
Table 2. Time, Alarm, and Calendar Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com