Electronic Components Datasheet Search
  English  ▼

X  

900CT Datasheet(PDF) 9 Page - Frequency Devices, Inc.

Part # 900CT
Description  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900CT Datasheet(HTML) 9 Page - Frequency Devices, Inc.

Back Button 900CT Datasheet HTML 5Page - Frequency Devices, Inc. 900CT Datasheet HTML 6Page - Frequency Devices, Inc. 900CT Datasheet HTML 7Page - Frequency Devices, Inc. 900CT Datasheet HTML 8Page - Frequency Devices, Inc. 900CT Datasheet HTML 9Page - Frequency Devices, Inc. 900CT Datasheet HTML 10Page - Frequency Devices, Inc. 900CT Datasheet HTML 11Page - Frequency Devices, Inc. 900CT Datasheet HTML 12Page - Frequency Devices, Inc. 900CT Datasheet HTML 13Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Models 900CT & 900BT
General
Single Channel –
Certified
Specifications
9
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Input Characteristics
Input Impedance:
Differential
2 M
Ω Shunted by 47pF
Single Ended
1 M
Ω Shunted by 47pF
Input Voltage:
Linear Differential*
20V p-p (Gain Set at 0 dB)
Max Safe Differential
Any Continuous Value between
±100V
Max Safe Common Mode
Any Continuous Value between
±50V
Bias Current
30 pA typ.; 175 pA max.
Common Mode Rejection ratio with
2k
Ω source unbalance and 0 dB Gain
> 60dB, DC to 50kHz
Output Characteristics
Full Power Bandwidth**
DC to 600kHz
Related Output
10V p-p for RL = 50Ω
20V p-p for RL = 2kΩ
Short Circuit Output Current
±100 mA continuous
Output Protection
±200 mA without damage
(Short Circuit to Ground Only)
Output Impedance
50
Ω
Offset Voltage
Adjustable to Zero at Front Panel
(Range
±500mV dc)
Power Supply
AC Line Power Operation
900CT
10 Watts max.
900BT
15 Watts max.
Voltage Frequency Range-Rear Panel:
115 V
105 to 125Vac @ 50/60Hz
230 V
210 to 250Vac @ 50Hz
Fuse
115 V=0.2 Amp., 230 V = 2X-0.1 Amp.
Battery Operation (900BT)
Time for full Charge
10 – 12 hours
Battery Life
Approx. 500 Charge/Discharge Cycles
Battery Charger
Automatic Uninterruptible
Charge Status Indicator (Front Panel)
3 Status Levels
Battery Operation
6 Hours typ.
Temperature
Operating Temperature:
0 °C to +50 °C
Storage Temperature:
-25 °C to +70 °C
Mechanical
Dimensions
3.7"H x 8.66"W x 10.6"D
9.4cmH x 22.0cmW x 27.0cmD
Weight
900CT
3.5 lbs; 0.157 kgs
900CT
4.9 lbs; 0.219 kgs
Case Material
ABS plastic
Color
Light Gray
* Signal plus common mode voltage cannot exceed 20V peak to peak for a linear output.
** Output characteristics of input amplifier with filter in BYPASS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com