Electronic Components Datasheet Search
  English  ▼

X  

900CT Datasheet(PDF) 10 Page - Frequency Devices, Inc.

Part # 900CT
Description  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900CT Datasheet(HTML) 10 Page - Frequency Devices, Inc.

Back Button 900CT Datasheet HTML 6Page - Frequency Devices, Inc. 900CT Datasheet HTML 7Page - Frequency Devices, Inc. 900CT Datasheet HTML 8Page - Frequency Devices, Inc. 900CT Datasheet HTML 9Page - Frequency Devices, Inc. 900CT Datasheet HTML 10Page - Frequency Devices, Inc. 900CT Datasheet HTML 11Page - Frequency Devices, Inc. 900CT Datasheet HTML 12Page - Frequency Devices, Inc. 900CT Datasheet HTML 13Page - Frequency Devices, Inc. 900CT Datasheet HTML 14Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Models 900CT & 900BT
Single Channel –
Certified
Ordering Information
10
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
A. AVAILABLE MODELS
1. 900CT
Standard AC powered model
1
2. 900BT
AC powered with battery powered option
1
FILTER TRANSFER FUNCTIONS AVAILABLE
2
B. LOW-PASS
BUTTERWORTH
1.
900L8B
8-pole
BESSEL
2
900L8L
8-pole
ELLIPTIC
3.
900L8E
8-pole, 6 zero elliptic, 1.77, 80 dB
4.
900L8EY
8-pole, 6 zero elliptic, 2.00, 100 dB
CONSTANT DELAY
5.
900L8D80
8-pole, constant delay 80 dB
6.
900L8D10
8-pole, constant delay 100 dB
C. HIGH PASS
BUTTERWORTH
7.
900H8B
8-pole
ELLIPTIC
8.
900H8E
8-pole, 6 zero elliptic, 1.77, 80 dB
9.
900H8EY
8-pole, 6 zero elliptic, 2.00, 100 dB
ORDERING INFORMATION
Filter Type
Transfer Function
2
L – Low – Pass
B – Butterworth
H – High – Pass
L – Bessel
D80 – Constant Delay (-80dB)
D10 – Constant Delay (-100dB)
E - elliptic 1.77 (-80dB)
Model
1
EY – elliptic 2.00 (-100dB)
C – Standard AC Power
B – AC Powered, with Battery Power Option
Poles
900CT/900L8L
8
NOTE:
1.
See page 5, item “Q” Voltage selector Module. At time of shipment, Voltage is pre-selected in the 115 VAC position. For 230 VAC
operation, this module must be rotated 180 degrees and an additional fuse must be added.
2.
All filters tunable from 0.1 Hz to 49.9 kHz.
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale, which apply, to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use, which would infringe any patent or copyright.
IN-00900CT/BT-00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com