Electronic Components Datasheet Search
  English  ▼

X  

D83S-D Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # D83S-D
Description  Programmable Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D83S-D Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  D83S-D Datasheet HTML 1Page - Frequency Devices, Inc. D83S-D Datasheet HTML 2Page - Frequency Devices, Inc. D83S-D Datasheet HTML 3Page - Frequency Devices, Inc. D83S-D Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Gain Amplifier
D83S Series
Digital Programming & Control
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
The Clock shifts the input data Di through the shift registers when it transitions from low to high. For the
input data to be accurately received, it must have been present for at least Ts at the time of the rising
clock transition. The maximum clock pulse frequency is 1.25MHz.
Data from the shift registers propagates through the latches when the strobe is high. Data is latched
when the Strobe transitions from high to low. To retain a programmed setting it is necessary to hold the
strobe low (or to shut off the clock). Keeping the strobe low will allow the clock to shift a new set of input
data into the registers without changing the latched setting.
To latch a new set of data the strobe must be set to its high state, after the last bit of the new input word
(D0) has been shifted in (>Tcs), held high for a minimum time of Tsw and then returned to its low state to
latch and hold the setting. The return of S to its low state must occur before the rise of the clock that
accepts the D7 of the next data word (Tsc>0).
Notes:
1.)
Data is shifted into register on positive edge of clock.
2.)
Data is latched on negative edge of strobe.
3.)
Ts is set up time (valid data before clock).
4.)
Tcs is time between D0 clock and start of strobe.
5.)
Tsw is strobe width.
6.)
Tsc is time between strobe end and D7 clock (next word).
7.)
Tcw is clock width.
8.)
Th is hold time (Valid data after clock rising edge).
Minimum Setup Times
Ts
>125nS
Time data must be present before rise of clock pulse.
Tcs
>260nS
Time from rise of Clock for last data bit, D0, to rise of Strobe pulse.
Tsw
>200nS
Strobe width.
Tsc
>0nS
Time from fall of Strobe to rise of next Clock pulse.
Tcw
>200nS
Clock pulse width.
Cf
1.25 MHz
Maximum Clock pulse frequency.
Th
>5nS
Time data must be valid after rise of clock pulse.
Caution!!
Note 1: The C, P and Di inputs are Tri-state C-MOS logic. They contain protection circuitry to guard against damage due to high static voltages or
electric fields, however the application of any voltages higher than the +5V or lower than the 0V supply voltages can cause permanent damage.
These inputs must always be connected to an appropriate logic voltage level. Permanent damage can also result if C, P and Di are allowed to float
unconnected. If the D83S is used in a configuration where these inputs can become disconnected from their drive circuits, or if their drive circuits
are not powered by the same +5V source, it is recommended to use 10k
Ω pull up resistors to +5V on these inputs.
=Don't care
Strobe
Data
D7
Valid Input
D6
Valid Input
D0
Valid Input
D7
Valid Input
Ts
Tcw
Tcs
Tsc
Clock
Tsw
Th > 5ns
Timing Diagram
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com