Electronic Components Datasheet Search
  English  ▼

X  

D83S-D Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # D83S-D
Description  Programmable Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D83S-D Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  D83S-D Datasheet HTML 1Page - Frequency Devices, Inc. D83S-D Datasheet HTML 2Page - Frequency Devices, Inc. D83S-D Datasheet HTML 3Page - Frequency Devices, Inc. D83S-D Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specification
(25°C and Vs ± 15 Vdc)
D83S Series
Pin-Out and Package Data
Ordering Information
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
4
Ordering Information
Analog Input Characteristics
Configuration
DC coupled, differential Input
AC Coupled (Optional)
Fixed @ 10 Hz
Impedance
1 M
Ω ❘❘ 22pF
Bias Current
20 pA max.
Offset Current
10 pA max.
Voltage Range
±10 Vpeak
Max. Safe Voltage
±Vs
Common Mode Rejection Ratio
Typ. 80 dB @ 1 kHz
Min. 60 dB @ 1 kHz
Noise Voltage Density,
RTI
20 nV/ √ Hz @ 1 kHz, G=1,024
Analog Output Characteristics
Configuration
Single ended, DC coupled
Differential Output
(Optional)
Impedance
<1
Ω typ., 10 Ω max.
Current (linear operation)
±5 mA max.
Offset Voltage
2 mV RTI, NTE 40 mV max.
Offset Temp. Coeff.
±(5 + 100/G) µV/˚C
General Analog Characteristics
Gain (programmable)
0.25X to 1,024X in factors of 2
Gain Tolerance
±0.10 dB
Distortion (0 dB gain @ 3.5 Vrms)
-86 dB @ 1 kHz typ.
Full Power Bandwidth (0 dB gain) 100 kHz
Power Supplies (±Vs), +Vd
Rated Voltage
±15 Vdc, +5 Vdc
Operating Range
±5 to ±18 Vdc, 5 ± 0.5 Vdc
Maximum Safe Voltage
±18 Vdc, +5.5 Vdc
Quiescent Current
±15 V
±12 mA
+5 V
+0.2 mA
Temperature
Operating
0 to +70˚C
Storage
-25 to +85˚C
Programmable
Instrumentation
Amplifier
Inverting
Amplifier
+OUT
-OUT
Do
+IN
-IN
C
Di
S
Programmable
Gain Stage
4094 Series 8 Bit
Shift Register
➝
➝
1.80
0.30
0.15 (min)
Side View
➝
➝ 0.025 dia.
S
STROBE
ALL DIMENSIONS ARE IN INCHES
C
CLOCK
ALL CASE DIMENSIONS ± 0.01"
DI
DATA IN
GRID DIMENSIONS
DO
DATA OUT
0.10” X 0.10”
Note: NC pin is used as "-OUT" for differential output option
+Vs
-IN
GND
Bottom View
-Vs
+5V
S
Di
C
Do
+IN
+OUT
NC/-OUT
0.80
(note)
Functional Schematic
D83S-D
Options
A - AC Coupled Input
D - Differential Output
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us.
We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-00D83S-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com