Electronic Components Datasheet Search
  English  ▼

X  

CD4049 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD4049
Description  CMOS HEX BUFFERS/CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4049 Datasheet HTML 2Page - Texas Instruments CD4049 Datasheet HTML 3Page - Texas Instruments CD4049 Datasheet HTML 4Page - Texas Instruments CD4049 Datasheet HTML 5Page - Texas Instruments CD4049 Datasheet HTML 6Page - Texas Instruments CD4049 Datasheet HTML 7Page - Texas Instruments CD4049 Datasheet HTML 8Page - Texas Instruments CD4049 Datasheet HTML 9Page - Texas Instruments CD4049 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FIGURE 6. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 8. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS
AS A FUNCTION OF TEMPERATURE FOR CD4049UB
FIGURE 9. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS
AS A FUNCTION OF TEMPERATURE FOR CD4050B
FIGURE 10. TYPICAL POWER DISSIPATION vs FREQUENCY
CHARACTERISTICS
FIGURE 11. TYPICAL POWER DISSIPATION vs INPUT RISE
AND FALL TIMES PER INVERTER FOR CD4049UB
Typical Performance Curves (Continued)
-5
-10
-15
-20
-25
-30
-35
-15V
-10V
GATE TO SOURCE VOLTAGE
VGS = -5V
TA = 25
oC
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
-5
-10
-15
-20
-25
-30
-35
-15V
-10V
GATE TO SOURCE VOLTAGE
VGS = -5V
TA = 25
oC
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
6
5
4
3
2
1
-55oC
125oC
SUPPLY VOLTAGE
VCC = 10V
TA = -55
oC
8
7
6
5
4
3
2
1
0
VI, INPUT VOLTAGE (V)
910
9
8
7
0
125oC
VCC = 5V
10
6
5
4
3
2
1
-55oC
125oC
SUPPLY VOLTAGE
VCC = 10V
TA = -55
oC
8
7
6
5
4
3
2
1
0
VI, INPUT VOLTAGE (V)
910
9
8
7
0
125oC
VCC = 5V
105
104
103
102
10
10
102
103
104
105
TA = 25
oC
SUPPL
Y V
OL
TA
GE
V CC
=
15V
10V
10V
5V
LOAD CAPACITANCE
CL = 50pF
(11pF FIXTURE + 39pF EXT)
(11pF FIXTURE + 4pF EXT)
CL = 15pF
f, INPUT FREQUENCY (kHz)
105
104
103
102
10
10
102
103
104
105
TA = 25
oC
tr, tf, INPUT RISE AND FALL TIME (ns)
SUPPLY VOLTAGE VCC = 5V FREQUENCY (f) = 10kHz
15V; 1MHz
15V; 100kHz
10V; 100kHz
15V; 10kHz
10V; 10kHz
15V; 1kHz
106
107
108
CD4049UB, CD4050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com