Electronic Components Datasheet Search
  English  ▼

X  

L293 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # L293
Description  QUADRUPLE HALF-H DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293 Datasheet(HTML) 11 Page - Texas Instruments

Back Button L293 Datasheet HTML 7Page - Texas Instruments L293 Datasheet HTML 8Page - Texas Instruments L293 Datasheet HTML 9Page - Texas Instruments L293 Datasheet HTML 10Page - Texas Instruments L293 Datasheet HTML 11Page - Texas Instruments L293 Datasheet HTML 12Page - Texas Instruments L293 Datasheet HTML 13Page - Texas Instruments L293 Datasheet HTML 14Page - Texas Instruments L293 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Copper Area 35-
µm Thickness
Printed Circuit Board
Figure 7. Example of Printed Circuit Board Copper Area
(used as heat sink)
11.9 mm
17.0 mm
38.0 mm
Figure 8. External Heat Sink Mounting Example
(
θJA = 25°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com