Electronic Components Datasheet Search
  English  ▼

X  

L293 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # L293
Description  QUADRUPLE HALF-H DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293 Datasheet(HTML) 3 Page - Texas Instruments

  L293 Datasheet HTML 1Page - Texas Instruments L293 Datasheet HTML 2Page - Texas Instruments L293 Datasheet HTML 3Page - Texas Instruments L293 Datasheet HTML 4Page - Texas Instruments L293 Datasheet HTML 5Page - Texas Instruments L293 Datasheet HTML 6Page - Texas Instruments L293 Datasheet HTML 7Page - Texas Instruments L293 Datasheet HTML 8Page - Texas Instruments L293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram
2
1
7
10
9
15
3
6
11
14
1A
1,2EN
2A
3A
3,4EN
4A
1Y
2Y
3Y
4Y
schematics of inputs and outputs (L293)
Input
VCC2
Output
GND
TYPICAL OF ALL OUTPUTS
EQUIVALENT OF EACH INPUT
VCC1
Current
Source
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com