Electronic Components Datasheet Search
  English  ▼

X  

LTC4006 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4006
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4006 Datasheet HTML 10Page - Linear Technology LTC4006 Datasheet HTML 11Page - Linear Technology LTC4006 Datasheet HTML 12Page - Linear Technology LTC4006 Datasheet HTML 13Page - Linear Technology LTC4006 Datasheet HTML 14Page - Linear Technology LTC4006 Datasheet HTML 15Page - Linear Technology LTC4006 Datasheet HTML 16Page - Linear Technology LTC4006 Datasheet HTML 17Page - Linear Technology LTC4006 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC4006
4006fa
Table 4
MAXIMUM
INPUT
MINIMUM INDUCTOR
AVERAGE CURRENT (A)
VOLTAGE (V)
VALUE (
µH)
1
≤20
40
±20%
1
> 20
56
±20%
2
≤20
20
±20%
2
> 20
30
±20%
3
≤20
15
±20%
3
> 20
20
±20%
4
≤20
10
±20%
4
> 20
15
±20%
Charger Switching Power MOSFET
and Diode Selection
Two external power MOSFETs must be selected for use
with the charger: a P-channel MOSFET for the top (main)
switch and an N-channel MOSFET for the bottom (syn-
chronous) switch.
The peak-to-peak gate drive levels are set internally. This
voltage is typically 6V. Consequently, logic-level threshold
MOSFETs must be used. Pay close attention to the BVDSS
specification for the MOSFETs as well; many of the logic
level MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), total gate capacitance QG, reverse
transfer capacitance CRSS, input voltage and maximum
output current. The charger is operating in continuous
mode at moderate to high currents so the duty cycles for
the top and bottom MOSFETs are given by:
Main Switch Duty Cycle = VOUT/VIN
Synchronous Switch Duty Cycle = (VIN – VOUT)/VIN.
The MOSFET power dissipations at maximum output
current are given by:
PMAIN = VOUT/VIN(I2MAX)(1 + δ∆T)RDS(ON)
+ k(V2IN)(IMAX)(CRSS)(fOSC)
PSYNC = (VIN – VOUT)/VIN(I2MAX)(1 + δ∆T)RDS(ON)
Where
δ is the temperature dependency of RDS(ON) and k
is a constant inversely related to the gate drive current.
Both MOSFETs have I2R losses while the PMAIN equation
includes an additional term for transition losses, which are
highest at high input voltages. For VIN < 20V the high
current efficiency generally improves with larger MOSFETs,
while for VIN > 20V the transition losses rapidly increase
to the point that the use of a higher RDS(ON) device with
lower CRSS actually provides higher efficiency. The syn-
chronous MOSFET losses are greatest at high input volt-
age or during a short circuit when the duty cycle in this
switch is nearly 100%. The term (1 +
δ∆T) is generally
given for a MOSFET in the form of a normalized RDS(ON) vs
temperature curve, but
δ = 0.005/°C can be used as an
approximation for low voltage MOSFETs. CRSS is usually
specified in the MOSFET characteristics; if not, then CRSS
can be calculated using CRSS = QGD/∆VDS. The constant
k = 2 can be used to estimate the contributions of the two
terms in the main switch dissipation equation.
If the charger is to operate in low dropout mode or with a
high duty cycle greater than 85%, then the topside
P-channel efficiency generally improves with a larger
MOSFET. Using asymmetrical MOSFETs may achieve cost
savings or efficiency gains.
The Schottky diode D1, shown in the Typical Application
on the back page, conducts during the dead-time between
the conduction of the two power MOSFETs. This prevents
the body diode of the bottom MOSFET from turning on and
storing charge during the dead-time, which could cost as
much as 1% in efficiency. A 1A Schottky is generally a
good size for 4A regulators due to the relatively small
average current. Larger diodes can result in additional
transition losses due to their larger junction capacitance.
The diode may be omitted if the efficiency loss can be
tolerated.
Calculating IC Power Dissipation
The power dissipation of the LTC4006 is dependent upon
the gate charge of the top and bottom MOSFETs (QG1 and
QG2 respectively). The gate charge is determined from the
manufacturer’s data sheet and is dependent upon both the
gate voltage swing and the drain voltage swing of the
MOSFET. Use 6V for the gate voltage swing and VDCIN for
the drain voltage swing.
PD = VDCIN • (fOSC (QG1 + QG2) + IDCIN)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com