Electronic Components Datasheet Search
  English  ▼

X  

ST-3 Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # ST-3
Description  Intelligent Duct Smoke Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ST-3 Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  ST-3 Datasheet HTML 1Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 2Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 3Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Current Requirements (using no accessories)
Power supply voltage
14–30VDC
Max. standby current
360 µA max.
Max. alarm current
7 mA max. @ 24VDC (LEDs on)
Alarm response time
30 sec.
Power up time
2 sec.
Self test initiation time
1 sec.
ED-DPR Specifications
Device
Standby
Alarm
RA400Z
0 mA
4.6 mA Max.
RTS451/RTS451KEY
0 mA
4.6 mA Max.
Accessory Current Loads at 24VDC
CURRENT RATINGS
MAXIMUM VOLTAGE
LOAD DESCRIPTION
APPLICATION
3A
30VDC
Resistive
Non Coded
2A
30VDC
Resistive
Coded
.9A
110VDC
Resistive
Non Coded
.9A
125VAC
Resistive
Non Coded
.5A
30VDC
Inductive (L/R=5ms)
Coded
1A
30VDC
Inductive (L/R=2ms)
Coded
.3A
125VAC
Inductive (PF=.35)
Non Coded
.7A
75VAC
Inductive (PF=.35)
Non Coded
1.5A
25VAC
Inductive (PF=.35)
Non Coded
Relay Contact Ratings (Each set of Form C Contacts)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com