Electronic Components Datasheet Search
  English  ▼

X  

ST-3 Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # ST-3
Description  Intelligent Duct Smoke Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ST-3 Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  ST-3 Datasheet HTML 1Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 2Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 3Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2004 System Sensor. The company reserves the right to change product specifications without notice.
A05-0373-000•4/04•#1261
Specifications
Operating Temperature Range
32° to 120°F (0° to 49°C)
Operating Humidity Range
10% to 93% relative humidity
(non-condensing)
Duct Air velocity
500 – 4000 ft./min.
(2.54 – 20.32 m/s)
Shipping Weight
ED-DPR: 4lbs. (1.8 kg)
Length
14.5″ (36.7 cm)
Width
5″ (12.7 cm)
Depth
4″ (10.2 cm)
Ordering Information
Part No.
Description
ED-DPR
Eclipse Series intelligent duct smoke detector
housing
ED-DP
Photoelectric duct sensor head
ED-DPI
Photoelectric isolator duct sensor head
ST-1.5
Metal sampling tube duct widths 1′–2′
ST-3
Metal sampling tube duct widths 2′–4′
ST-5
Metal sampling tube duct widths 4′–8′
ST-10
Metal sampling tube duct widths 8′–12′
A2121
Replacement Eclipse Power Board
Accessories
Description
RTS451
Remote test station (see below)
RTS451KEY
Remote test station w/key (see below)
RA400Z
Remote LED (see below)
F36-05-00
Replacement filters
P48-21-00
End cap for metal sampling tube
T80-71-00
Replacement plastic sampling tube
RTS451
Remote Test Station
(UL S2522)
RTS451KEY
Remote Test Station with
key (UL S2522)
RA400Z
Remote
Annunciator
(UL S2522)
ALARM
RESET
ALARM
ON
RESET
TEST
System Sensor Sales and Service
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800/SENSOR2
Fx: 630/377-6495
Documents-on-Demand
800/736-7672 x3
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor Europe
Ph: 44.1403.891920
Fx: 44.1403.891921
System Sensor in China
Ph: 86.29.524.6253
Fx: 86.29.524.6259
System Sensor in Singapore
Ph: 65.6273.2230
Fx: 65.6273.2610
System Sensor – Far East
Ph: 85.22.191.9003
Fx: 85.22.736.6580
System Sensor – Australia
Ph: 613.54.281.142
Fx: 613.54.281.172
System Sensor – India
Ph: 91.124.237.1770 x.2700
Fx: 91.124.237.3118
System Sensor – Russia
Ph: 70.95.937.7982
Fx: 70.95.937.7983



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com