Electronic Components Datasheet Search
  English  ▼

X  

SPW Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # SPW
Description  Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SPW Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  SPW Datasheet HTML 1Page - Systemsensor advanced ideas. SPW Datasheet HTML 2Page - Systemsensor advanced ideas. SPW Datasheet HTML 3Page - Systemsensor advanced ideas. SPW Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A05-0424-002
UL Current Draw Data
UL Max. Strobe Current Draw (mA RMS)
Candela
8 to 17.5 Volts
16 to 33 Volts
DC
FWR
DC
FWR
Standard
Candela Range
15
123
128
66
71
15/75
142
148
77
81
30
NA
NA
94
96
75
NA
NA
158
153
95
NA
NA
181
176
110
NA
NA
202
195
115
NA
NA
210
205
High
Candela Range
135
NA
NA
228
207
150
NA
NA
246
220
177
NA
NA
281
251
185
NA
NA
286
258
Sound Output
UL Reverberant (dBA @ 10 ft.)
2W
1W
½ W
¼ W
Wall-Mount SP Series
86
83
80
77
Wall-Mount SPV Series
90
87
84
81
Ceiling-Mount SPC Series
86
83
80
77
Ceiling-Mount SPCV Series
90
87
84
81
Wall-Mount SPS Series
85
82
79
76
Wall-Mount SPSV Series
89
86
83
80
Ceiling-Mount SPSC Series
85
82
79
76
Ceiling-Mount SPSCV Series
89
86
83
80
Dimensions
6.81˝
.97˝ 1.96˝
6.81˝
.97˝ 1.84˝
5.00˝
.97˝ 1.84˝
5.98˝
6.81˝
1.60˝ 1.84˝
2.83˝
5.00˝
2.83˝
1.84˝
1.60˝
5.97˝
Ceiling Mount SPV Speaker
Wall Mount SP Speaker
Wall Mount SPS Speaker Strobe
Ceiling Mount SP Speaker
Ceiling Mount SPS Speaker Strobe



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com