| Electronic Components Datasheet Search |
|
SPW Datasheet(PDF) 1 Page - Systemsensor advanced ideas. |
|
|
|||||||||||||||||||||||||||||
SPW Datasheet(HTML) 1 Page - Systemsensor advanced ideas. |
|
1 / 4 page ![]() Agency Listings Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers The new SpectrAlert® Advance selectable output speaker strobes and dual evacuation speakers can reduce ground faults and allow faster installation. Features Plug-in design • Protective cover isolates speaker components, reduces ground • faults Electrical compatibility with existing SpectrAlert products • Field selectable candela settings on wall and ceiling units: • Standard: 15, 15/75, 30, 75, 95, 110, 115 High: 135, 150, 177, 185 Shorting spring on mounting plate tests continuity before • installation Rotary switch simplifies field selection of speaker voltage (25 and • 70.7 Vrms) and power settings (¼, ½, 1 and 2 watts) Universal mounting plate for wall- and ceiling-mount units • Compatible with System Sensor synchronization protocol • SP speakers offer high fidelity sound output • SPV speakers offer high volume sound output • Automatic selection of 12- or 24-volt operation at 15 and 15/75 • candela No extension ring required • Ceiling and wall mount application • Optional tamper resistant Torx head screw included • The SpectrAlert Advance Series of speakers and speaker strobes is designed to reduce ground faults. The plug-in design allows the installer to pre-wire mounting plates and dress the wires before plugging in the speakers. The plastic cover prevents nicked wires by covering exposed speaker components. This design also allows faster installations with instant feedback to ensure that wiring is properly connected, rotary switches to select voltage and power settings, and 11 field selectable candela settings for wall and ceiling speaker strobes. The low total harmonic distortion of the SP speaker offers high fidelity sound output while the SPV speaker offers high volume sound output for use in high ambient noise applications. SpectrAlert Advance makes installation easy •Attachauniversalmountingplatetoa4×4×21⁄8inchbackbox. Flush mount applications are achievable without the need for an extension ring. •Connectthenotificationappliancecircuitorspeakerwiringtothe terminals on the mounting plate. •Attachthespeakerorspeakerstrobetothemountingplateby inserting the product tabs into the mounting plate grooves. Rotate the device into position to lock the product pins into the mounting plate terminals. The device will temporarily hold in place with a catch until it is secured with a captured mounting screw. 10-08-E 7320-1653:201 S4048 |
Similar Part No. - SPW |
|
Similar Description - SPW |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |