Electronic Components Datasheet Search
  English  ▼

X  

B404B Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # B404B
Description  Duct Smoke Detector for Special Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B404B Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  B404B Datasheet HTML 1Page - Systemsensor advanced ideas. B404B Datasheet HTML 2Page - Systemsensor advanced ideas. B404B Datasheet HTML 3Page - Systemsensor advanced ideas. B404B Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Architectural/Engineering Specifications
The air duct detector shall be a System Sensor model 2451 Series Smoke detector UL listed to UL 268A specifically for use in
air handling systems when used in conjunction with the B404B (120VAC) or the B404BT (24VAC/DC) base. The detector shall
operate at air velocities up to 3000 feet per minute. It shall be capable of local testing via magnetic switch or remote testing
using the UL listed RTC Remote Test Coil accessory with the RTS451 Remote Test Station. It shall be capable of providing
duct smoke detector status via the UL listed model APA451 Piezo Annunciator.
Wiring Guide
B404B Typical Wiring Diagrams:
RA400Z
(Optional)
RA400Z
(Optional)
RELEASING
DEVICE
POWER
RELEASING
DEVICE
POWER
1
6
7
8 9
10
11
12
13
14
2
3
4
5
RELEASING
DEVICE
1
6
7
8 9
10
11
12
13
14
2
3
4
5
EOL
FIRE
ALARM
CONTROL
PANEL
ALARM INITIATION LOOP
SPECIFIED
BY PANEL
MANUFACTURER
BLACK LEADS
TRANSFORMER
PRIMARY
120 VAC
120 VAC
(+)
(–)
(+)
(–)
RA400Z
(Optional)
FAN/DAMPER
CONTROL
POWER
1
6
7
8
9
10
11
12
13
14
2
3
4
5
EOL
FIRE
ALARM
CONTROL
PANEL
ALARM INITIATION LOOP
SPECIFIED
BY PANEL
MANUFACTURER
BLACK LEADS
TRANSFORMER
PRIMARY
120 VAC
No.
Function
1
Remote Annunciator (+)
2
Not Used
3
Not Used
4
Remote Annunciator (-)
5
Not Used
6
N.O.
Supervisory Relay
Form A Contacts
7
N.O.
8
N.O.
Alarm Relay
Form A
Initiation Contacts
9
N.O.
10
C.
11
C.
12
N.O.
Alarm Relay
Form C
Auxiliary Contacts
13
N.C.
14
C.
B404B Base Terminals
Base
Model
Version
Loop Type
Current Limit
resistor
Alarm Contact Type
Nominal Voltage
Alarm Current
(mA)
B404B
UL/ULC
4-wire
Yes
Form A&C + A supy.
120VAC
20.4
B404BT
UL
4-wire
Yes
Form A&C + A supy.
24VAC/DC rms
94
Base Chart
Junction Box Selection
Base Model
Single Gang
31/2˝ Oct.
4˝ Oct.
4˝ Sq.
50mm 60mm 75mm
B404B
No
No
Yes
Yes
No
No
No
B404BT
No
No
Yes
Yes
No
No
No
H0270-00
H0271-00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com