Electronic Components Datasheet Search
  English  ▼

X  

B404B Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # B404B
Description  Duct Smoke Detector for Special Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B404B Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  B404B Datasheet HTML 1Page - Systemsensor advanced ideas. B404B Datasheet HTML 2Page - Systemsensor advanced ideas. B404B Datasheet HTML 3Page - Systemsensor advanced ideas. B404B Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model
2451 with B404B/B404BT
and RTC Remote Test Kit
Product Overview
Low standby current
Two LEDs “blink” in standby
Detector head plugs easily into base
Field adjustable sensitivity
Built-in test switch
Field sensitivity metering of detector to meet
the requirements of NFPA 72
120VAC and 24VAC/DC bases with built-in
shorting spring
Built-in tamper-resistant feature
Designed for mounting on standard electrical box
SEMS screws for easy wiring and positive wire
retention
Removable cover and insect screen for field
cleaning
H
V A
C
S
Y
S
T
E
M
S
M
O
N
I
T
O
R
I
N
G
Duct Smoke
Detector for Special
Applications
UL 268A
(Requires RTC
accessory)
2451 with B404BT and RTC
(Includes the RTS451)
The System Sensor 2451 photoelectronic smoke detector is UL listed
to UL 268A specifically for use in no-flow/low-flow air-handling sys-
tems. It’s designed for installations where a standard Venturi principle
duct smoke detector is unsuitable. This is the perfect combination for
installation in ducts where the air velocity is below 500 fpm or for duct
sizes as small as 8 inches in diameter. Pendant mounted in a standard
electrical box within the duct, the twist-in/twist-out head allows easy
removal from the base for quick cleaning and maintenance. The detec-
tor can be combined with the System Sensor B404B 120VAC base or
the B404BT 24VAC/DC base. Remote testing is accomplished using our
Remote Test Coil accessory that includes the RTS451. The APA451,
Remote Annunciator with Piezo Alarm, can also be connected to pro-
vide an audible and visible indication of smoke detector status.
Specifications
Operating Voltage/ Alarm current
Mounting base dependent (see chart)
Standby current
120 mA maximum
Sensitivity
3% ± .7% / ft.
Weight
0.5 ib. (277 g)
Size
3.2˝/8.1 cm height
6.2˝/15.8 cm diameter
Construction
Flame retardant Noryl plastic
Operating Temperature
32° to 120°F (0° to 49°C)
Humidity Range
10 to 93% RH non-condensing
Air Velocity Rating
0 to 3000 fpm maximum


Similar Part No. - B404B

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
B404 MIC-B404 Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
B404-N MIC-B404-N Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
B404-P MIC-B404-P Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
logo
Siemens Semiconductor G...
B4040 SIEMENS-B4040 Datasheet
96Kb / 7P
SAW Components Low-Loss Duplexer for Mobile Communication
logo
EPCOS
B4041 EPCOS-B4041 Datasheet
66Kb / 7P
SAW filter 2450.00 MHz
More results

Similar Description - B404B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
Intelligent Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
4-Wire Duct Smoke Detector
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
4-Wire Ionization Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
Duct Smoke Detector Accessories
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
4-Wire Photoelectric Duct Smoke Detector
7251DH SYSTEMSENSOR-7251DH Datasheet
195Kb / 2P
High Sensitivity Duct Smoke Detector
DH400ACDCIHT SYSTEMSENSOR-DH400ACDCIHT Datasheet
169Kb / 2P
High-Temperature Duct Smoke Detector
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
Intelligent Air Duct Smoke Detector Housing
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
DUCT SMOKE DETECTOR
01/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com