Electronic Components Datasheet Search
  English  ▼

X  

DH100P Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # DH100P
Description  2-Wire Low-Profile Duct Smoke Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100P Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  DH100P Datasheet HTML 1Page - Systemsensor advanced ideas. DH100P Datasheet HTML 2Page - Systemsensor advanced ideas. DH100P Datasheet HTML 3Page - Systemsensor advanced ideas. DH100P Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
A05-976-00
Electrical Ratings – DH100 (Includes Detector)
System Voltage:
12/24 VDC
Ripple Voltage:
4 Volts peak to peak
Start-up Capacitance:
0.02
µF maximum
Standby Ratings:
8.5 VDC minimum
35 VDC maximum
120
µA maximum
Alarm Ratings:
4.2 VDC minimum at 10mA
6.6 VDC maximum at 100mA
Alarm current must be limited to 100mA or less by the control panel.
If used, the RA400Z remote lamp operates within the specified alarm currents.
Reset Voltage:
2.50 VDC minimum
Reset Time:
0.3 Sec. maximum
Start-up Time:
34.0 Sec. maximum
Architectural/Engineering Specifications
The air duct smoke detector shall be a System Sensor
Model DH100 Series Duct Smoke Detector. The detector
housing shall be UL listed per UL 268A specifically for use
in air handling systems. The detector shall operate at air
velocities of 500 feet per minute to 4000 feet per minute. It
shall be capable of local testing via magnetic switch or
remote testing using the RTS451KEY Remote Test Station.
The unit shall be reset by local reset button or RTS451KEY.
The duct detector housing shall incorporate an airtight
smoke chamber in compliance with UL 268A, Standard for
Smoke Detectors for Duct Applications. The housing shall
be capable of mounting to either rectangular or round
ducts without adapter brackets. An integral filter system
shall be included to reduce dust and residue effects on
detector and housing, thereby reducing maintenance and
servicing. Sampling tubes shall either be telescoping or be
easily installed after the housing is mounted to the duct by
passing through the duct housing. The enlosure shall meet
all applicable NEC and NFPA standards regarding electrical
junction boxes. Terminal connections shall be of the strip
and clamp method suitable for 12-18 AWG wiring.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com