Electronic Components Datasheet Search
  English  ▼

X  

DH100P Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # DH100P
Description  2-Wire Low-Profile Duct Smoke Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100P Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  DH100P Datasheet HTML 1Page - Systemsensor advanced ideas. DH100P Datasheet HTML 2Page - Systemsensor advanced ideas. DH100P Datasheet HTML 3Page - Systemsensor advanced ideas. DH100P Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Models Available
DH100I 2-wire Ionization Detector
DH100P 2-wire Photoelectronic Detector
2-Wire Low-Profile
Duct Smoke Detector
© System Sensor 1/98
This document is not intended to be used for installation purposes.
A05-976-00
A Division of Pittway
3825 Ohio Avenue, St. Charles, IL 60174
1-800-SENSOR2 (736-7672), Fax 630-377-6495
http://www.systemsensor.com
Features
• Outside mounting tabs
• Telescoping sampling tube*
• Built-in reset button
• Easy to clean
• 12/24 VDC operation
• Ion or photo models available
• Remote test station option
• Air velocity rating from 500 to 4000 FPM
• Remote annunciator option
• Easy and quick mounting to round or rectangular ducts
from 1
′–12′ wide
• Textured cover for convenient visual inspection
• UL 268A listed
• 3-year warranty
System Sensor DH100
2-wire duct smoke detector is
available as either an ionization or photoelectric model.
This new design allows for simplified cleaning and
maintenance, or a change in application without removing
the duct housing. The DH100 samples air currents passing
through a duct and gives dependable performance for
management of fans, blowers, and air conditioning
systems, preventing the spread of toxic smoke and fire
gases through the protected area.
WARNING:
Duct smoke detectors have specific limitations.
DUCT DETECTORS ARE:
NOT
a substitute for an open area smoke detector,
NOT
a substitute for early warning detection, and
NOT
a replacement for a building’s regular fire
detection system.
Refer to NFPA 72 and 90A for additional duct detector
application information.
Specifications
Length:
143/8 inches (37 cm.)
Width:
51/2 inches (14 cm.)
Depth:
23/4 inches (7 cm.)
Shipping Weight:
3.75 lbs. (1.7 kg.)
Operating
Temperature Range:
23
° to 131° F (–5° to 55° C)
Operating
Humidity Range:
10% to 93% relative humidity
Air Duct Velocity:
500 to 4000 ft./min.
*Patent pending


Similar Part No. - DH100P

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH100P SYSTEMSENSOR-DH100P Datasheet
134Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
More results

Similar Description - DH100P

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
Intelligent Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
4-Wire Duct Smoke Detector
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
4-Wire Ionization Duct Smoke Detector
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
Watertight 4-Wire Low-Flow Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
Duct Smoke Detector Accessories
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
4-Wire Photoelectric Duct Smoke Detector
DH100P SYSTEMSENSOR-DH100P Datasheet
134Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
2-Wire Low-Flow Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
4-Wire Photoelectric Low-Flow Duct Smoke Detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
DUCT SMOKE DETECTOR
01/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com