Electronic Components Datasheet Search
  English  ▼

X  

CD54AC191 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54AC191
Description  Presettable Synchronous 4-Bit Binary Up/Down Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54AC191 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54AC191 Datasheet HTML 2Page - Texas Instruments CD54AC191 Datasheet HTML 3Page - Texas Instruments CD54AC191 Datasheet HTML 4Page - Texas Instruments CD54AC191 Datasheet HTML 5Page - Texas Instruments CD54AC191 Datasheet HTML 6Page - Texas Instruments CD54AC191 Datasheet HTML 7Page - Texas Instruments CD54AC191 Datasheet HTML 8Page - Texas Instruments CD54AC191 Datasheet HTML 9Page - Texas Instruments CD54AC191 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Propagation Delay
CE to RC
tPLH, tPHL
1.5
-
-
137
-
-
151
ns
3.3
4.4
-
15.4
4.2
-
16.9
ns
5
3.1
-
11
3
-
12.1
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 14)
-
-
96
-
-
96
-
pF
ACT TYPES
Propagation Delay
PL to Qn
tPLH, tPHL
5
(Note 13)
4.2
-
14.8
4.1
-
16.3
ns
Propagation Delay
Pn to Qn
tPLH, tPHL
5
3.9
-
13.8
3.8
-
15.2
ns
Propagation Delay
CP to Qn
tPLH, tPHL
5
4.1
-
14.5
4
-
16
ns
Propagation Delay
CP to RC
tPLH, tPHL
5
3.1
-
10.9
3
-
12
ns
Propagation Delay
CP to TC
tPLH, tPHL
5
5.2
-
18.2
5
-
20
ns
Propagation Delay
U/D to RC
tPLH, tPHL
5
5.6
-
19.7
5.4
-
21.7
ns
Propagation Delay
U/D to TC
tPLH, tPHL
5
3.8
-
13.5
3.7
-
14.9
ns
Propagation Delay
CE to RC
tPLH, tPHL
5
3.3
-
11.5
3.2
-
12.7
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 14)
-
-
96
-
-
96
-
pF
NOTES:
11. Limits tested 100%.
12. 3.3V Min is at 3.6V, Max is at 3V.
13. 5V Min is at 5.5V, Max is at 4.5V
14. CPD is used to determine the dynamic power consumption per package.
PD =CPDVCC
2 f
i +(CL +VCC2fo) where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
FIGURE 1.
FIGURE 2.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
1/fMAX
CP
Qn OR TC
VS
tPHL
tW
tPLH
INPUT LEVEL
VS
VS
VS
CP OR CE
RC
tPHL
INPUT LEVEL
tPLH
VS
VS
VS
VS
CD54AC191, CD54ACT191



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com