Electronic Components Datasheet Search
  English  ▼

X  

CD54AC191 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD54AC191
Description  Presettable Synchronous 4-Bit Binary Up/Down Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54AC191 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54AC191 Datasheet HTML 2Page - Texas Instruments CD54AC191 Datasheet HTML 3Page - Texas Instruments CD54AC191 Datasheet HTML 4Page - Texas Instruments CD54AC191 Datasheet HTML 5Page - Texas Instruments CD54AC191 Datasheet HTML 6Page - Texas Instruments CD54AC191 Datasheet HTML 7Page - Texas Instruments CD54AC191 Datasheet HTML 8Page - Texas Instruments CD54AC191 Datasheet HTML 9Page - Texas Instruments CD54AC191 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FIGURE 3.
FIGURE 4.
FIGURE 5.
The shaded areas indicate when the input is permitted to change for
predictable output performance.
FIGURE 6.
FIGURE 7.
FIGURE 8.
Pn
INPUT LEVEL
VS
Qn
tPHL
tPLH
VS
VS
VS
INPUT LEVEL
Pn
tW
PL
VS
tPLH
Qn
tPHL
VS
VS
VS
INPUT LEVEL
PL
CP
Qn
tW
VS
tREC
INPUT LEVEL
INPUT LEVEL
Pn
PL
Qn
tSU(H)
VS
tH(H)
tSU(L)
tH(L)
INPUT LEVEL
INPUT LEVEL
VS
VS
VS
U/D
VS
tPLH
TC
tPHL
RC
INPUT LEVEL
tPHL
tPLH
VS
VS
VS
VS
VS
CP
VS
CE
CE MAY
CHANGE
tSU(L)
(H-L)
ONLY
tH(L)
CE MAY
CHANGE
VS
VS
VS
tSU(H)
INPUT
LEVEL
INPUT
LEVEL
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 9. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54AC191, CD54ACT191



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com