Electronic Components Datasheet Search
  English  ▼

X  

MHV2812S/ES Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MHV2812S/ES
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2812S/ES Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MHV2812S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 7 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS
MHV2805D
MHV2812D
MHV2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
OUTPUT CURRENT
VIN = 16 TO 50 VDC
—
—
±1.50
—
—
±0.625
—
—
±0.500
A
OUTPUT POWER2
VIN = 16 TO 50 VDC
—
±7.5
15
—
±7.5
15
—
±7.5
15
W
OUTPUT RIPPLE
10 kHz- 2 MHz
VOLTAGE
Tc = –55°C to +125°C
+VOUT / –VOUT
—
5
35
—
5
25
—
10
50
mVp-p
LINE REGULATION
VIN = 16 TO 50 VDC ±VOUT
—
0
10
—
0
10
—
0
10
mV
LOAD REGULATION
NO LOAD TO FULL ±VOUT
—
5
15
—
2
15
—
2
15
mV
INPUT VOLTAGE
CONTINUOUS
16
28
50
16
28
50
16
28
50
VDC
NO LOAD TO FULL1
TRANSIENT 120 msec
—
—
80
—
—
75
—
—
60
V
INPUT CURRENT
NO LOAD
—
22
30
—
32
43
—
37
50
mA
INHIBITED
—
8.4
10
—
8.4
10
—
8.4
10
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
—
5
40
—
5
40
—
10
45
mA p-p
EFFICIENCY
77
79
—
81
83
—
80
83
—
%
LOAD FAULT1,3
POWER DISSIPATION
SHORT CIRCUIT
—
—
7.5
—
—
9
—
—
9
W
RECOVERY
—
—
20
—
—
25
—
—
30
ms
STEP LOAD
50% – 100% — 50%
RESPONSE4 ±VOUT
TRANSIENT
—
—
180
—
—
200
—
—
250
mV pk
RECOVERY
—
—
1500
—
—
800
—
—
80
START UP1
+VOUT DELAY
---
10
16
---
10
18
---
12
20
ms
±VOUT OVERSHOOT
---
0
50
---
0
100
---
0
100
mV pk
-VOUT DELAY
---
10
18
---
10
23
---
12
28
mS
STEP LINE1
16-50-16 VDC
RESPONSE1,5
TRANSIENT
---
---
400
---
---
500
---
---
500
mV pk
RECOVERY
---
---
4
---
---
3
---
---
3
mS
CAPACITIVE LOAD1
---
---
100
---
---
100
---
---
100
μF
Notes
1. Guaranteed by design, not tested.
2. Up to 7.5 watts is available from either output.
3. Load fault is a short circuit (<50 mΩ). Recovery is into a resistive load.
4. Load step transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.
5. Input step transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com