Electronic Components Datasheet Search
  English  ▼

X  

MHV2812S/ES Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MHV2812S/ES
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2812S/ES Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MHV2812S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2812S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 14
Rev D - 20060710
28 VOLT INPUT – 15 WATT
DESCRIPTION
Interpoint’s MHV Series™ of DC/DC converters offers a wide input
voltage range of 16 to 50 VDC and a choice of nine different output
voltage configurations comprised of single, dual or triple outputs.
The converters will withstand transients of up to 80 V for up to 120
milliseconds while maintaining output voltages (with the exception of
the 12 volt single and dual outputs which will withstand transients up
to 75 volts and the 15 volt single and dual outputs which will with-
stand up to 60 volts). The MHV Series operates at a full 15 watts of
output power (10 watts for the 3.3 volt single output) over the mili-
tary temperature range of –55°C to +125°C while maintaining low
input and output noise.
CONVERTER DESIGN
MHV Series DC/DC converters are switching regulators that use
continuous flyback conversion topology with a clock frequency of
approximately 600 kHz. MHV Series converters incorporate two
internal converters with one converter phase shifted 180° from the
other to create a dual phase/phase-shifted operation. Each of the
internal converters operates at approximately one-half of the clock
frequency. This proprietary technology eliminates cross regulation,
minimizes input ripple, greatly reduces output ripple and improves
efficiency. On the triple output models, this design provides
completely independent regulation with no cross regulation effect
between the main and auxiliary outputs and no minimum loading
required on the main output.
INHIBIT FUNCTION
Open collector TTL levels control the inhibit circuit. The converter is
enabled when the inhibit terminal is left unconnected or when the
inhibit terminal is connected to a voltage between 11.5 and 50 V.
When a low (0.8 V) is applied to the inhibit terminal the converter
shuts down, typically drawing 8.4 mA of input current. Inhibit
terminal resistance is 3.3 k ohms and draws 8.4 mA, typical.
SYNCHRONIZATION FUNCTION
Applying an external signal of 40% to 60% duty cycle and 500 to
700 kHz will synchronize the converter to your system requirements.
Free run clock frequency is approximately 600 kHz. If not used, the
sync terminal must be left unconnected.
TRIM
Single output converters feature a trim range of as low as 80% to
as high as 110% of Vout nominal, depending on the model. To trim
up, connect a resistor from output common (pin 4) to the trim
terminal (pin 3). To trim down, connect a resistor from the positive
output (pin 5) to the trim terminal (pin 3). See Figure 6 and trim
tables for more information.
UNDERVOLTAGE LOCKOUT
An undervoltage lockout of approximately 7 VDC keeps system
current levels low during startup.
SHORT CIRCUIT PROTECTION
Under short circuit conditions of 130% or more of full load current,
the converter will protect itself by shutting down. Short circuit dura-
tion should be brief because power dissipation may cause internal
temperatures to rise rapidly. Restart is automatic upon removal of
the short circuit.
FEATURES
• –55° to +125°C operation
• 16 to 50 VDC input
• Fully Isolated
• Optocoupler feedback
• Fixed switching frequency
600 kHz typical,
• Topology –
Dual Single Ended Flybacks
• 80 V / 120 ms transient protection
(12 Vout single and dual to 75 V,
15 Vout single and dual to 60V)
• Inhibit and sync functions
• Trim on single output models
• Up to 81% efficiency
• Low output noise
MODELS
VDC OUTPUT
SINGLE
3.3
5
12
15
DUAL
±5
±12
±15
TRIPLE
+5 & ±12
+5 & ±15


Similar Part No. - MHV2812S/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV2812S/883 INTERPOINT-MHV2812S/883 Datasheet
330Kb / 21P
MHV Single, Dual and Triple DC-DC Converters
More results

Similar Description - MHV2812S/ES

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
MHF Single, Dual and Triple DC/DC Converters
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
MTR Single, Dual and Triple DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
SMTR Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
MHV Single, Dual and Triple DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
MTR (40) Single, Dual and Triple DC-DC Converters
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
SMRT Single, Dual and Triple Space DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com