Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3DV/ES Datasheet(PDF) 13 Page - Crane Aerospace & Electronics.

Part # MOR286R3DV/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR286R3DV/ES Datasheet(HTML) 13 Page - Crane Aerospace & Electronics.

Back Button MOR286R3DV/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 11Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 12Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 13Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 14Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 15Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 16Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 17Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 13 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
FIGURE 41
FIGURE 42
FIGURE 43
MOR2805D Output Ripple (±Vout)
1 μs/div
+Vout
–Vout
MOR2805D Input Ripple (Iin)
1 μs/div
25 μs/div
MOR2805D Step Load Response
100 - 50%
Step Load
50 μs/div
50% Load
+Vout
–Vout
80% load each output
80% load each output
Vin
FIGURE 44
FIGURE 45
FIGURE 46
MOR2805D Step Load Response
50 - 100%
Load
50 μs/div
50% Load
+Vout
–Vout
MOR2805D Step Line Response
25 μs/div
–Vout
Vin
+Vout
MOR2805D Step Line Response
25 μs/div
–Vout
+Vout
18 to 40 V, 80% load each output
40 to 18 V, 80% load each output
FIGURE 47
FIGURE 48
FIGURE 49
MOR2805D Turn On Response
2.5 ms/div
Vin
+Vout
–Vout
MOR2812D Output Ripple (±Vout)
1 μs/div
+Vout
–Vout
MOR2812D Input Ripple (Iin)
1 μs/div
25 μs/div
80% load each output
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com