Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3DV/ES Datasheet(PDF) 21 Page - Crane Aerospace & Electronics.

Part # MOR286R3DV/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR286R3DV/ES Datasheet(HTML) 21 Page - Crane Aerospace & Electronics.

Back Button MOR286R3DV/ES Datasheet HTML 13Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 14Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 15Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 16Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 17Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 18Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 19Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 20Page - Crane Aerospace & Electronics. MOR286R3DV/ES Datasheet HTML 21Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
MOR Single and Dual Rev G - 20060418. This revision supercedes all previous releases. All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. MOR Series is a trademark of Interpoint.
Copyright © 1999 - 2006 Interpoint Corporation. All rights reserved. www.craneae.com
Page 21 of 21
28 VOLT INPUT – 120 WATT
TEST
125°C
125°C
Class H
STANDARD
/ES
/883
non-QML1
non-QML1
QML
Pre-cap Inspection
Method 2017, 2032
yes
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to 150°C, ambient
no
no
yes
Method 1010, Cond. B, -55°C to 125°C, ambient
no
yes
no
Constant Acceleration
Method 2001, 3000 g
no
no
yes
Method 2001, 500g
no
yes
no
Burn-In
Method 1015, 160 hours at 125°C case, typical
no
no
yes
96 hours at 125°C case, typical
no
yes
no
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 through 6: -55°C, +25°C, +125°C case
no
no
yes
Subgroups 1 and 4: +25°C case
yes
yes
no
Hermeticity Test
Fine Leak, Method 1014, Cond. A
no
yes
yes
Gross Leak, Method 1014, Cond. C
no
yes
yes
Gross Leak, Dip (1 x 10-3)
yes
no
no
Final Visual Inspection
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Non-QML products do not meet all of the requirements of MIL-PRF-38534
883, CLASS H, QML PRODUCTS – ENVIRONMENTAL SCREENING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com