Electronic Components Datasheet Search
  English  ▼

X  

MOR289R5SW/ES Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MOR289R5SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR289R5SW/ES Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MOR289R5SW/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Crane Aerospace & Electronics, Interpoint Corp.
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 21
Rev G - 20060418
28 VOLT INPUT – 120 WATT
DESCRIPTION
With up to 120 watts of output power, the MOR Series™ of DC/DC
converters operates from a standard 28 volt bus and offers a wide
input range of 16 to 40 VDC. Full operation over the military temper-
ature range, –55°C to +125°C, makes the MOR Series an ideal
choice for military, aerospace, space, and other high reliability appli-
cations. In compliance with MIL-STD-704D, the converters will with-
stand transients of up to 50 volts for up to 120 milliseconds. Use
Interpoint’s FME28-461 EMI filter to pass MIL-STD-461C, CE03
requirements.
The MOR Series converters incorporate a single-ended forward
topology which uses a constant frequency Pulse Width Modulator
(PWM) current mode control design and switches at 550 kHz,
nominal. The converters also provide short circuit protection by
restricting the current to 125% of the full load output current. All
models offer two inhibits, one referenced to input common and one
referenced to output common. A remote sense function is available
on single output models.
Using the trim function, the MOR Series can provide any output from
2 to 33 VDC. For example, trimming the two 15 volt outputs of the
15 dual (MOR2815D) to 14 volts, and then stacking the outputs will
provide a 28 volt output.
FEATURES
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully isolated
• Magnetic feedback
• Fixed frequency 550 kHz typical
• Topology – Single Ended Forward
• Will withstand transients of up to 50 V for
up to 120 msec.
• Output trim 60% to 110%
• Input and output side inhibit
• Remote sense
• Synchronization
• Parallel up to 5 units
• Output short circuit protection
• Up to 80 W/in3, 87% efficiency
MODELS
VDC OUTPUT
SINGLES
3.3
5
6.3
9.5
12
15
DUALS
±3.3
±5
±6.3
±9.5
±12
±15


Similar Part No. - MOR289R5SW/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR289R5S INTERPOINT-MOR289R5S Datasheet
2Mb / 24P
Parallel operation with current share, up to 5 units (540 watts)
MOR289R5SY/883 INTERPOINT-MOR289R5SY/883 Datasheet
465Kb / 16P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MOR289R5SW/ES

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com