Electronic Components Datasheet Search
  English  ▼

X  

MOR289R5SW/ES Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MOR289R5SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR289R5SW/ES Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MOR289R5SW/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR289R5SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SYNC IN AND SYNC OUT
The MOR converters can be synchronized to the system clock by
applying a TTL compatible sync signal to the Sync In pin. Sync Out
can be used to synchronize other components to the MOR
converter’s switching frequency.
The frequency range for external synchronization is 525 to 625
kHz. The requirements for an external signal are 15% to 50% duty
cycle, 0 ≤ L ≤ 0.8 V and 4.5 ≤ H ≤ 9 V. Both Sync In and Sync Out
are referenced to input common. Sync In should be grounded to
input common if not used. See Figures 8 and 9.
POSITIVE SENSE, SENSE RETURN
A special remote sensing feature maintains the desired output
voltage at the load. See Figure 12. When this feature is not used,
connect the sense lines to their respective output terminals. See
Figure 13. Remote sensing is available on single output models
only. o not exceed 110% of Vout and maximum output power.
SHARE (PARALLELING)
By using the Share pin, up to five single or dual converters may be
paralleled for a total output power of over 500 watts (90% Pout /
converter, max.). The converters will share within 10% of each
other at 25 to 90% rated power. MOR converters feature true n+1
redundancy for reliability in critical applications. See Figure 10 for
the proper connections.
All Positive Outputs and Positive Senses should be connected to
a common point. All Negative Outputs and Sense Returns should
be connected to a common point. The Share pin is referenced to
Sense Return. Leave the share pin floating (unconnected) if not
used. Also see Figure 12.
POSITIVE OUTPUT,
NEGATIVE OUTPUT
AND
OUTPUT
COMMON
Output current is limited
to 125% of maximum
specified current under
short circuit or load fault
conditions.
Single output models operate from no load to full load. Dual output
models with balanced loads operate from no load to full load. For
dual models with unbalanced loads, at least 10% of the total output
power must be drawn from the positive output at all times, however,
the negative output does not require a minimum load. See note 7,
cross regulation, under the Electrical Characteristics Tables. Dual
outputs may be “stacked” to double the output voltage. See Figure
11.
Share
Sense
Return
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 5 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
–
+
Load
Positive Input
1
7
8
9
Input Common
Positive Output
Inhibit 2
Output Common
Negative Output
MOR
Dual Output
2
FIGURE 11: “STACKED” OUTPUT
FIGURE 10: SHARE
~
~
~
~
Sync In
Input
Common
5V
V
CC
330 pF
1.8 k
FIGURE 8: SYNC IN
~
~
Sync Out
Input
Common
V
CC
200
Ω
FIGURE 9: SYNC OUT
–
+
Positive Input
1
6
5
2
7
10
11
9
8
7
10
11
9
8
7
10
11
9
8
Sync In
Sync Out
Input Common
Positive Output
Positive Sense
Share
Sense Return
Output common
Positive Output
Positive Sense
Sense Return
Output common
Positive Output
Positive Sense
Sense Return
Output common
Share
Share
Load
28V
Positive Input
1
6
5
2
Sync In
Sync Out
Input Common
Positive Input
1
6
5
2
Sync In
Sync Out
Input Common
FIGURE 12: PARALLELING
–
+
Load
Positive Input
1
6
4
2
7
10
12
9
8
28V
Sync In
Inhbit 1
Input Common
Positive Output
Positive Sense
Inhibit 2
Sense Return
Output Common
MOR
Single
Output
–
+
Load
Positive Input
1
6
4
2
7
12
8
9
28V
Sync In
Inhbit 1
Input Common
Positive Output
Inhibit 2
Output Common
Negative Output
MOR
Dual
Output
Load
0
FIGURE 13: CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com